Electronic Components Datasheet Search
  English  ▼

X  

HT46R002 Datasheet(PDF) 35 Page - Holtek Semiconductor Inc

Part # HT46R002
Description  Cost-Effective A/D 8-Bit OTP MCU
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R002 Datasheet(HTML) 35 Page - Holtek Semiconductor Inc

Back Button HT46R002 Datasheet HTML 31Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 32Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 33Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 34Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 35Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 36Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 37Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 38Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 39Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 83 page
background image
Rev. 1.21
34
April 11, 2017
Rev. 1.21
35
April 11, 2017
HT46R002/HT46R003
Cost-Effective A/D 8-Bit OTP MCU
HT46R002/HT46R003
Cost-Effective A/D 8-Bit OTP MCU
I/O Port Control Registers
EachporthasitsowncontrolregisterknownasPAC,PCC,whichcontroltheinput/output
configuration.Withthiscontrolregister,eachI/Opinwithorwithoutpull-highresistorscanbe
reconfigureddynamicallyundersoftwarecontrol.FortheI/Opintofunctionasaninput,the
correspondingbitofthecontrolregistermustbewrittenasa“1”.Thiswillthenallowthelogic
stateoftheinputpintobedirectlyreadbyinstructions.Whenthecorrespondingbitofthecontrol
registeriswrittenasa“0”,theI/OpinwillbesetasaCMOSoutput.Ifthepiniscurrentlysetasan
output,instructionscanstillbeusedtoreadtheoutputregister.However,itshouldbenotedthatthe
programwillinfactonlyreadthestatusoftheoutputdatalatchandnottheactuallogicstatusofthe
outputpin.
PAC Register
Bit
7
6
5
4
3
2
1
0
Name
PAC7
PAC6
PAC5
PAC4
PAC3
PAC2
PAC1
PAC0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
1
1
1
1
1
1
1
1
Bit7~0
PortAbit7~bit0Input/Outputcontrol
0:Output
1:Input
PCC Register – HT46R003 only
Bit
7
6
5
4
3
2
1
0
Name
—
—
PCC5
PCC4
PCC3
PCC2
PCC1
PCC0
R/W
—
—
R/W
R/W
R/W
R/W
R/W
R/W
POR
—
—
1
1
1
1
1
1
Bit7~6
Unimplemented,readas"0"
Bit5~0
PortCbit5~bit0Input/Outputcontrol
0:Output
1:Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com