Electronic Components Datasheet Search
  English  ▼

X  

HT46R002 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT46R002
Description  Cost-Effective A/D 8-Bit OTP MCU
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R002 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT46R002 Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 83 page
background image
Rev. 1.21
6
April 11, 2017
Rev. 1.21
7
April 11, 2017
HT46R002/HT46R003
Cost-Effective A/D 8-Bit OTP MCU
HT46R002/HT46R003
Cost-Effective A/D 8-Bit OTP MCU
Selection Table
Part No. Operating
Voltage
ROM RAM I/O HIRC
(MHz)
8-bit
Timer
Interrupt
A/D
PWM PFD Stack
Package
Ext. Int.
HT46R002 2.3V~5.5V 1K×14 64×8 8
8
1
1
2 12-bit×4
1
×
2
8DIP/SOP
10MSOP
HT46R003 2.3V~5.5V 1K×14 64×8 14
8
1
1
2 12-bit×4
1
√
2
16DIP/NSOP
Block Diagram
Note:OnlytheHT46R003hasaPFDfunction.
Pin Assignment
PA4
PC5
PC4
PC3
PC2
PC1
PC0
PA3
PA5/AN3
PA6/PFD
PA7/RES
VDD
VSS
PA0/PWM/AN0
PA1/TMR/AN1
PA2/INT/AN2
VDD
PA6
PA5/AN3
PA7/RES
VSS
PA0/PWM/AN0
PA1/TMR/AN1
PA2/INT/AN2
HT46R002
8 DIP-A/SOP-A
HT46R002
10 MSOP-A
HT46R003
16 DIP-A/NSOP-A
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1
2
3
4
5
9
8
7
6
10
1
2
3
4
8
7
6
5
VDD
PA6
PA5/AN3
PA7/RES
PA4
VSS
PA0/PWM/AN0
PA1/TMR/AN1
PA2/INT/AN2
PA3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com