Electronic Components Datasheet Search
  English  ▼

X  

HT46R002 Datasheet(PDF) 41 Page - Holtek Semiconductor Inc

Part # HT46R002
Description  Cost-Effective A/D 8-Bit OTP MCU
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R002 Datasheet(HTML) 41 Page - Holtek Semiconductor Inc

Back Button HT46R002 Datasheet HTML 37Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 38Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 39Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 40Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 41Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 42Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 43Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 44Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 45Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 83 page
background image
Rev. 1.21
40
April 11, 2017
Rev. 1.21
41
April 11, 2017
HT46R002/HT46R003
Cost-Effective A/D 8-Bit OTP MCU
HT46R002/HT46R003
Cost-Effective A/D 8-Bit OTP MCU
TMR0C Register
Bit
7
6
5
4
3
2
1
0
Name
T0M1
T0M0
—
T0ON
T0EG
T0PSC2 T0PSC1 T0PSC0
R/W
R/W
R/W
—
R/W
R/W
R/W
R/W
R/W
POR
0
0
—
0
1
0
0
0
Bit7~6
T0M1~T0M0:Timeroperationmodeselection
00:Nomodeavailable
01:Eventcountermode
10:Timermode
11:Pulsewidthcapturemode
Bit5
Unimplemented,readas"0"
Bit4
T0ON:Timer/eventcountercountingenable
0:Disable
1:Enable
Bit3
T0EG:Timer/EventCounteractiveedgeselection
Ineventcountermode(T0M1~T0M0=01)
0:Countonrisingedge
1:Countonfallingedge
Inpulsewidthmeasurementmode(T0M1~T0M0=11)
0:Startcountingonfallingedge,stopontherisingedge
1:Startcountingonrisingedge,stoponthefallingedge
Bit2~0
T0PSC2~T0PSC0:Timerprescalarrateselection
000:fS
001:fS/2
010:fS/4
011:fS/8
100:fS/16
101:fS/32
110:fS/64
111:fS/128
Timer Mode
Inthismode,theTimer/EventCountercanbeutilizedtomeasurefixedtimeintervals,providing
aninternalinterruptsignaleachtimetheTimer/EventCounteroverflows.Tooperateinthismode,
theOperatingModeSelectbitpair,T0M1/T0M0,intheTimerControlRegistermustbesettothe
correctvalueasshown.
Bit7
Bit6
1
0
Control Register Operating Mode Select Bits for the Timer Mode
Inthismodetheinternalclockisusedasthetimerclock.ThetimerinputclocksourceisfSYS,fSYS/4
orfLIRC.However,thistimerclocksourceisfurtherdividedbyaprescaler,thevalueofwhichis
determinedbythebitsT0PSC2~T0PSC0intheTimerControlRegister.Thetimer-onbit,T0ON
mustbesethightoenablethetimertorun.Eachtimeaninternalclockhightolowtransitionoccurs,
thetimerincrementsbyone.Whenthetimerisfullandoverflows,aninterruptsignalisgenerated
andthetimerwillreloadthevaluealreadyloadedintothepreloadregisterandcontinuecounting.
Atimeroverflowconditionandcorrespondinginternalinterruptsaretwoofthewake-upsources.
However,theinternalinterruptscanbedisabledbyensuringthattheT0EbitsoftheINTC0register
areresettozero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com