Electronic Components Datasheet Search
  English  ▼

X  

HT46R002 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT46R002
Description  Cost-Effective A/D 8-Bit OTP MCU
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R002 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT46R002 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 10Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 11Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 83 page
background image
Rev. 1.21
8
April 11, 2017
Rev. 1.21
9
April 11, 2017
HT46R002/HT46R003
Cost-Effective A/D 8-Bit OTP MCU
HT46R002/HT46R003
Cost-Effective A/D 8-Bit OTP MCU
HT46R003
Pin Name
Function
OPT
I/T
O/T
Description
PA0/PWM/AN0
PA0
PAPU
PAWU
ST
CMOS General purpose I/O. Register enabled pull-up and wake-up.
PWM
CTRL0
—
CMOS PWM output
AN0
ADCR
AI
—
Analog input channel 0
PA1/TMR/AN1
PA1
PAPU
PAWU
ST
CMOS General purpose I/O. Register enabled pull-up and wake-up.
TMR
TMR0C
ST
—
Timer/Event counter 0 input
AN1
ADCR
AI
—
Analog input channel 1
PA2/INT/AN2
PA2
PAPU
PAWU
ST
CMOS General purpose I/O. Register enabled pull-up and wake-up.
INT
INTC0
CTRL1
ST
—
External interrupt input
AN2
ADCR
AI
—
Analog input channel 2
PA3~PA4
PA3~PA4
PAPU
ST
CMOS General purpose I/O. Register enabled pull-up.
PA5/AN3
PA5
PAPU
PAWU
ST
CMOS General purpose I/O. Register enabled pull-up and wake-up.
AN3
ADCR
AI
—
Analog input channel 3
PA6/PFD
PA6
PAPU
ST
CMOS General purpose I/O. Register enabled pull-up.
PFD
CTRL0
ST
—
PFD output
PA7/RES
PA7
PAPU
ST
NMOS General purpose I/O.
RES
—
ST
—
Reset input
PC0~PC5
PC0~PC5 PCPU
ST
CMOS General purpose I/O. Register enabled pull-up.
VDD
VDD
—
PWR
—
Power supply
VSS
VSS
—
PWR
—
Ground
Note:OPT:Optionalbyregisteroption;
AI:Analogsignalinput
I/T:Inputtype;
O/T:Outputtype;
ST:SchmittTriggerinput;
CMOS:CMOSoutput;
NMOS:NMOSoutput
PWR:Power
Absolute Maximum Ratings
SupplyVoltage................................................................................................VSS−0.3VtoVSS+6.0V
InputVoltage..................................................................................................VSS−0.3VtoVDD+0.3V
StorageTemperature....................................................................................................-50˚Cto125˚C
OperatingTemperature..................................................................................................-40˚Cto85˚C
MaximumJunctionTemperature...............................................................................................150˚C
Note:Thesearestressratingsonly.Stressesexceedingtherangespecifiedunder"AbsoluteMaximum
Ratings"maycausesubstantialdamagetothesedevices.Functionaloperationofthesedevicesat
otherconditionsbeyondthoselistedinthespecificationisnotimpliedandprolongedexposureto
extremeconditionsmayaffectdevicesreliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com