Electronic Components Datasheet Search
  English  ▼

X  

HT46R002 Datasheet(PDF) 82 Page - Holtek Semiconductor Inc

Part # HT46R002
Description  Cost-Effective A/D 8-Bit OTP MCU
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R002 Datasheet(HTML) 82 Page - Holtek Semiconductor Inc

Back Button HT46R002 Datasheet HTML 75Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 76Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 77Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 78Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 79Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 80Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 81Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 82Page - Holtek Semiconductor Inc HT46R002 Datasheet HTML 83Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 82 / 83 page
background image
Rev. 1.21
82
April 11, 2017
Rev. 1.21
83
April 11, 2017
HT46R002/HT46R003
Cost-Effective A/D 8-Bit OTP MCU
HT46R002/HT46R003
Cost-Effective A/D 8-Bit OTP MCU
16-pin NSOP (150mil) Outline Dimensions
$

'
&
=
)
*
+
,
-
.
/
0
+
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
—
0.236 BSC
—
B
—
0.154 BSC
—
C
0.012
—
0.020
C'
—
0.390 BSC
—
D
—
—
0.069
E
—
0.050 BSC
—
F
0.004
—
0.010
G
0.016
—
0.050
H
0.004
—
0.010
α
0°
―
8°
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
—
6 BSC
—
B
—
3.9 BSC
—
C
0.31
—
0.51
C'
—
9.9 BSC
—
D
—
—
1.75
E
—
1.27 BSC
—
F
0.10
—
0.25
G
0.40
—
1.27
H
0.10
—
0.25
α
0°
―
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com