Electronic Components Datasheet Search
  English  ▼

X  

8XC552 Datasheet(PDF) 53 Page - NXP Semiconductors

Part # 8XC552
Description  80C51 FAMILY DERIVATIVES
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

8XC552 Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button 8XC552 Datasheet HTML 49Page - NXP Semiconductors 8XC552 Datasheet HTML 50Page - NXP Semiconductors 8XC552 Datasheet HTML 51Page - NXP Semiconductors 8XC552 Datasheet HTML 52Page - NXP Semiconductors 8XC552 Datasheet HTML 53Page - NXP Semiconductors 8XC552 Datasheet HTML 54Page - NXP Semiconductors 8XC552 Datasheet HTML 55Page - NXP Semiconductors 8XC552 Datasheet HTML 56Page - NXP Semiconductors 8XC552 Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 60 page
background image
Philips Semiconductors
80C51 Family Derivatives
8XC552/562 overview
1996 Aug 06
53
RS
VANALOG
INPUT
CS
CC
To Comparator
+
IN
IN+1
SmN+1
SmN
RmN+1
RmN
Multiplexer
Rm = 0.5 - 3 kohms
CS + CC = 15pF maximum
RS = Recommended < 9.6 kohms for 1 LSB @ 12MHz
NOTE:
Because the analog to digital converter has a sampled-data comparator, the input looks capacitive to a source. When a conversion
is initiated, switch Sm closes for 8tcy (8
µs @ 12MHz crystal frequency) during which time capacitance Cs + Cc is charged. It should
be noted that the sampling causes the analog input to present a varying load to an analog source.
Figure 39. A/D Input: Equivalent Circuit
0
q
2q
3q
4q
5q
Vin
Code
out
100
000
001
010
011
101
Quantization Error
q = LSB = 5 mV
Vin – Vdigital
+ q/2
– q/2
Vin
Symmetrical Quantization Error
Figure 40. Effective Conversion Characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com