Electronic Components Datasheet Search
  English  ▼

X  

8XC552 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # 8XC552
Description  80C51 FAMILY DERIVATIVES
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

8XC552 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button 8XC552 Datasheet HTML 28Page - NXP Semiconductors 8XC552 Datasheet HTML 29Page - NXP Semiconductors 8XC552 Datasheet HTML 30Page - NXP Semiconductors 8XC552 Datasheet HTML 31Page - NXP Semiconductors 8XC552 Datasheet HTML 32Page - NXP Semiconductors 8XC552 Datasheet HTML 33Page - NXP Semiconductors 8XC552 Datasheet HTML 34Page - NXP Semiconductors 8XC552 Datasheet HTML 35Page - NXP Semiconductors 8XC552 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
Philips Semiconductors
80C51 Family Derivatives
8XC552/562 overview
1996 Aug 06
32
!********************************************************************************************************
! SI01 EQUATE LIST
!********************************************************************************************************
!********************************************************************************************************
! LOCATIONS OF THE SI01 SPECIAL FUNCTION REGISTERS
!********************************************************************************************************
00D8
S1CON
–0xd8
00D9
S1STA
–0xd9
00DA
S1DAT
–0xda
00DB
S1ADR
–0xdb
00A8
IEN0
–0xa8
00B8
IP0
–02b8
!********************************************************************************************************
! BIT LOCATIONS
!********************************************************************************************************
00DD
STA
–0xdd
! STA bit in S1CON
00BD
SI01HP
–0xbd
! IP0, SI01 Priority bit
!********************************************************************************************************
! IMMEDIATE DATA TO WRITE INTO REGISTER S1CON
!********************************************************************************************************
00D5
ENS1_NOTSTA_STO_NOTSI_AA_CR0
–0xd5
! Generates STOP
! (CR0 = 100kHz)
00C5
ENS1_NOTSTA_NOTSTO_NOTSI_AA_CR0
–0xc5
! Releases BUS and
! ACK
00C1
ENS1_NOTSTA_NOTSTO_NOTSI_NOTAA_CR0
–0xc1
! Releases BUS and
! NOT ACK
00E5
ENS1_STA_NOTSTO_NOTSI_AA_CR0
–0xe5
! Releases BUS and
! set STA
!********************************************************************************************************
! GENERAL IMMEDIATE DATA
!********************************************************************************************************
0031
OWNSLA –0x31
! Own SLA+General Call
! must be written into S1ADR
00A0
ENSI01
–0xa0
! EA+ES1, enable SIO1 interrupt
! must be written into IEN0
0001
PAG1
–0x01
! select PAG1 as HADD
00C0
SLAW
–0xc0
! SLA+W to be transmitted
00C1
SLAR
–0xc1
! SLA+R to be transmitted
0018
SELRB3
–0x18
! Select Register Bank 3
!********************************************************************************************************
! LOCATIONS IN DATA RAM
!********************************************************************************************************
0030
MTD
–0x30
! MST/TRX/DATA base address
0038
MRD
–0x38
! MST/REC/DATA base address
0040
SRD
–0x40
! SLV/REC/DATA base address
0048
STD
–0x48
! SLV/TRX/DATA base address
0053
BACKUP
–0x53
! Backup from NUMBYTMST
! To restore NUMBYTMST in case
! of an Arbitration Loss.
0052
NUMBYTMST
–0x52
! Number of bytes to transmit
! or receive as MST.
0051
SLA
–0x51
! Contains SLA+R/W to be
! transmitted.
0050
HADD
–0x50
! High Address byte for STATE 0
! till STATE 25.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com