Electronic Components Datasheet Search
  English  ▼

X  

8XC552 Datasheet(PDF) 55 Page - NXP Semiconductors

Part # 8XC552
Description  80C51 FAMILY DERIVATIVES
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

8XC552 Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button 8XC552 Datasheet HTML 51Page - NXP Semiconductors 8XC552 Datasheet HTML 52Page - NXP Semiconductors 8XC552 Datasheet HTML 53Page - NXP Semiconductors 8XC552 Datasheet HTML 54Page - NXP Semiconductors 8XC552 Datasheet HTML 55Page - NXP Semiconductors 8XC552 Datasheet HTML 56Page - NXP Semiconductors 8XC552 Datasheet HTML 57Page - NXP Semiconductors 8XC552 Datasheet HTML 58Page - NXP Semiconductors 8XC552 Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 60 page
background image
Philips Semiconductors
80C51 Family Derivatives
8XC552/562 overview
1996 Aug 06
55
SMOD
–
–
WLE
GF1
GF0
PD
IDL
76
5
4
32
10
PCON
(87H)
PCON.7
SMOD
Double Baud rate bit. When set to logic 1 the
baud rate is doubled when the serial port SIO0
is being used in modes 1, 2, or 3.
PCON.6
–
(Reserved)
PCON.5
–
(Reserved)
PCON.4
WLE
Watchdog load enable. This flag must be set
by software prior to loading timer T3 (watch-
dog timer). It is cleared when timer T3 is
loaded.
PCON.3
GF1
General-purpose flag bit
PCON.2
GF0
General-purpose flag bit
PCON.1
PD
Power-down bit. Setting this bit activates the
power-down mode. It can only be set if input
EW is high.
PCON.0
IDL
Idle mode bit. Setting this bit activates the idle
mode.
BIT
SYMBOL
FUNCTION
If logic 1s are written to PD and IDL at the
same time, PD takes precedence. The reset
value of PCON is (0XX00000).
Figure 41. Power Control Register (PCON)
255
255
Upper
128 Bytes
Internal RAM
Special
Function
Registers
Indirect
Addressing
Only
Direct
Addressing
Only
128
Direct or
Indirect
Addressing
Overlapped
Space
127
48
127
120
32
70
24
R0
Bank 3
R7
16
R0
Bank 2
R7
8
R0
Bank 1
R7
0
R0
Bank 1
R7
Addressable
Bits in RAM
(128 Bits)
Registers
Internal
Data RAM
Figure 42. Internal Data Memory Address Space
ARITHMETIC REGISTERS:
ACCumulator,* B register,*
Program Status Word*
POINTERS:
Stack Pointer,
Data Pointer (High and Low)
PARALLEL I/O PORTS:
Port 5,* Port 4,*Port 3,*
Port 2,* Port 1,* Port 0*
INTERRUPT SYSTEM:
Interrupt Priority 0,*
Interrupt Priority 1,*
Interrupt Enable 0,*
Interrupt Enable 1*
PULSE WIDTH MODULATED O/Ps:
Pulse Width Modulation Prescaler
Pulse Width Modulation Register 0,
Pulse Width Modulation Register 1
SERIAL I/O PORTS:
Serial 0 CONtrol,* Serial 0 data BUFfer,
Serial 1 CONtrol,* Serial 1 DATa,
Serial 1 STAtus, Serial 1 ADDress, PCON
TIMERS:
Timer MODe, Timer CONtrol,*
Timer Low 0, Timer High 0,
Timer Low 1, Timer High 1,
TiMer T2 CONtrol, TiMer Low 2,
Timer High 2, Timer T3
CAPTURE AND COMPARE LOGIC:
CapTure CONtrol,
TiMer T2 Interrupt flag Register,
CapTure Low 0, CapTure High 0,
CapTure Low 1, CapTure High 1,
CapTure Low 2, CapTure High 2,
CapTure Low 3, CapTure High 3,
CoMpare Low 0, CoMpare High 0,
CoMpare Low 1, CoMpare High 1,
CoMpare Low 2, CoMpare High 2
SeT Enable, ReseT Enable
ADC
ADC cONtrol, ADC High byte
*NOTE: Bit and byte addressable
Figure 43. Special Function Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com