Electronic Components Datasheet Search
  English  ▼

X  

8XC552 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # 8XC552
Description  80C51 FAMILY DERIVATIVES
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

8XC552 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button 8XC552 Datasheet HTML 18Page - NXP Semiconductors 8XC552 Datasheet HTML 19Page - NXP Semiconductors 8XC552 Datasheet HTML 20Page - NXP Semiconductors 8XC552 Datasheet HTML 21Page - NXP Semiconductors 8XC552 Datasheet HTML 22Page - NXP Semiconductors 8XC552 Datasheet HTML 23Page - NXP Semiconductors 8XC552 Datasheet HTML 24Page - NXP Semiconductors 8XC552 Datasheet HTML 25Page - NXP Semiconductors 8XC552 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
Philips Semiconductors
80C51 Family Derivatives
8XC552/562 overview
1996 Aug 06
22
S
SLA
R
A
Data
P or S
B0H
A8H
B8H
Reception of the Own
Slave Address and
Transmission of One or
More Data Bytes
A
Data
A
C0H
n
Any Number of Data Bytes and Their Associated Acknowledge Bits
This Number (Contained in S1STA) Corresponds to a Defined State of the I2C Bus. See Table 6.
Data
A
All “1”s
A
A
From Master to Slave
From Slave to Master
C8H
P or S
Last Data Byte Transmitted.
Switched to Not Addressed Slave
(AA Bit in S1CON = “0”
Arbitration Loast as MST and
Addressed as Slave
Figure 20. Format and States of the Slave Transmitter Mode
Master Receiver Mode: In the master receiver mode, a number of
data bytes are received from a slave transmitter (see Figure 18).
The transfer is initialized as in the master transmitter mode. When
the start condition has been transmitted, the interrupt service routine
must load S1DAT with the 7-bit slave address and the data direction
bit (SLA+R). The SI bit in S1CON must then be cleared before the
serial transfer can continue.
When the slave address and the data direction bit have been
transmitted and an acknowledgment bit has been received, the
serial interrupt flag (SI) is set again, and a number of status codes in
S1STA are possible. These are 40H, 48H, or 38H for the master
mode and also 68H, 78H, or B0H if the slave mode was enabled
(AA = logic 1). The appropriate action to be taken for each of these
status codes is detailed in Table 4. ENS1, CR1, and CR0 are not
affected by the serial transfer and are not referred to in Table 4. After
a repeated start condition (state 10H), SIO1 may switch to the
master transmitter mode by loading S1DAT with SLA+W.
Slave Receiver Mode: In the slave receiver mode, a number of
data bytes are received from a master transmitter (see Figure 19).
To initiate the slave receiver mode, S1ADR and S1CON must be
loaded as follows:
S1ADR (DBH)
XGC
7
65
43
2
1
0
own slave address
X
XX
XX
X
The upper 7 bits are the address to which SIO1 will respond when
addressed by a master. If the LSB (GC) is set, SIO1 will respond to
the general call address (00H); otherwise it ignores the general call
address.
S1CON (D8H)
ENS1
STA
STO
SI
AA
CR1
CR0
7
65
4
3
2
1
0
X1
0
0
0
1
X
X
CR2
CR0, CR1, and CR2 do not affect SIO1 in the slave mode. ENS1
must be set to logic 1 to enable SIO1. The AA bit must be set to
enable SIO1 to acknowledge its own slave address or the general
call address. STA, STO, and SI must be reset.
When S1ADR and S1CON have been initialized, SIO1 waits until it
is addressed by its own slave address followed by the data direction
bit which must be “0” (W) for SIO1 to operate in the slave receiver
mode. After its own slave address and the W bit have been
received, the serial interrupt flag (I) is set and a valid status code
can be read from S1STA. This status code is used to vector to an
interrupt service routine, and the appropriate action to be taken for
each of these status codes is detailed in Table 5. The slave receiver
mode may also be entered if arbitration is lost while SIO1 is in the
master mode (see status 68H and 78H).
If the AA bit is reset during a transfer, SIO1 will return a not
acknowledge (logic 1) to SDA after the next received data byte.
While AA is reset, SIO1 does not respond to its own slave address
or a general call address. However, the I2C bus is still monitored
and address recognition may be resumed at any time by setting AA.
This means that the AA bit may be used to temporarily isolate SIO1
from the I2C bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com