Electronic Components Datasheet Search
  English  ▼

X  

8XC552 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # 8XC552
Description  80C51 FAMILY DERIVATIVES
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

8XC552 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button 8XC552 Datasheet HTML 31Page - NXP Semiconductors 8XC552 Datasheet HTML 32Page - NXP Semiconductors 8XC552 Datasheet HTML 33Page - NXP Semiconductors 8XC552 Datasheet HTML 34Page - NXP Semiconductors 8XC552 Datasheet HTML 35Page - NXP Semiconductors 8XC552 Datasheet HTML 36Page - NXP Semiconductors 8XC552 Datasheet HTML 37Page - NXP Semiconductors 8XC552 Datasheet HTML 38Page - NXP Semiconductors 8XC552 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
Philips Semiconductors
80C51 Family Derivatives
8XC552/562 overview
1996 Aug 06
35
!– – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – –
! STATE
: 20, SLA+W have been transmitted, NOT ACK has been received
! ACTION : Transmit STOP condition.
!– – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – –
.sect
mts20
.base
0x120
0120
75D8D5
mov
S1CON,#ENS1_NOTSTA_STO_NOTSI_AA_CR0
! set STO, clr SI
0123
D0D0
pop
psw
0125
32
reti
!– – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – –
! STATE
: 28, DATA of S1DAT have been transmitted, ACK received.
! ACTION : If Transmitted DATA is last DATA then transmit a STOP condition,
!
else transmit next DATA.
!– – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – –
.sect
mts28
.base
0x128
0128
D55285
djnz
NUMBYTMST,NOTLDAT1
! JMP if NOT last DATA
012B
75D8D5
mov
S1CON,#ENS1_NOTSTA_STO_NOTSI_AA_CR0
! clr SI, set AA
012E
01B9
ajmp RETmt
.sect
mts28sb
.base
0x0b0
00B0
75D018
NOTLDAT1:
mov
psw,#SELRB3
00B3
87DA
mov
S1DAT,@r1
00B5
75D8C5
CON:
mov
S1CON,#ENS1_NOTSTA_NOTSTO_NOTSI_AA_CR0
! clr SI, set AA
00B8
09
inc
r1
00B9
D0D0
RETmt
:
pop
psw
00BB
32
reti
!– – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – –
! STATE
: 30, DATA of S1DAT have been transmitted, NOT ACK received.
! ACTION : Transmit a STOP condition.
!– – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – –
.sect
mts30
.base
0x130
0130
75D8D5
mov
S1CON,#ENS1_NOTSTA_STO_NOTSI_AA_CR0
! set STO, clr SI
0133
D0D0
pop
psw
0135
32
reti
!– – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – –
! STATE
: 38, Arbitration lost in SLA+W or DATA.
! ACTION : Bus is released, not addressed SLV mode is entered.
!
A new START condition is transmitted when the IIC bus is free again.
!– – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – – –
.sect
mts38
.base
0x138
0138
75D8E5
mov
S1CON,#ENS1_STA_NOTSTO_NOTSI_AA_CR0
013B
855352
mov
NUMBYTMST,BACKUP
013E
01B9
ajmp RETmt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com