Electronic Components Datasheet Search
  English  ▼

X  

8XC552 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 8XC552
Description  80C51 FAMILY DERIVATIVES
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

8XC552 Datasheet(HTML) 2 Page - NXP Semiconductors

  8XC552 Datasheet HTML 1Page - NXP Semiconductors 8XC552 Datasheet HTML 2Page - NXP Semiconductors 8XC552 Datasheet HTML 3Page - NXP Semiconductors 8XC552 Datasheet HTML 4Page - NXP Semiconductors 8XC552 Datasheet HTML 5Page - NXP Semiconductors 8XC552 Datasheet HTML 6Page - NXP Semiconductors 8XC552 Datasheet HTML 7Page - NXP Semiconductors 8XC552 Datasheet HTML 8Page - NXP Semiconductors 8XC552 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
Philips Semiconductors
80C51 Family Derivatives
8XC552/562 overview
2
1996 Aug 06
8XC552 OVERVIEW
The 8XC552 is a stand-alone high-performance microcontroller
designed for use in real-time applications such as instrumentation,
industrial control, and automotive control applications such as
engine management and transmission control. The device provides,
in addition to the 80C51 standard functions, a number of dedicated
hardware functions for these applications.
The 8XC552 single-chip 8-bit microcontroller is manufactured in an
advanced CMOS process and is a derivative of the 80C51
microcontroller family. The 8XC552 uses the powerful instruction set
of the 80C51. Additional special function registers are incorporated
to control the on-chip peripherals. Three versions of the derivative
exist although the generic term “8XC552” is used to refer to family
members:
83C552: 8k bytes mask-programmable ROM, 256 bytes RAM
87C552: 8k bytes EPROM, 256 bytes RAM
80C552: ROMless version of the 83C552
The 8XC552 contains a nonvolatile 8k
× 8 read-only program
memory, a volatile 256
× 8 read/write data memory, five 8-bit I/O
ports and one 8-bit input port, two 16-bit timer/event counters
(identical to the timers of the 80C51), an additional 16-bit timer
coupled to capture and compare latches, a fifteen-source,
two-priority-level, nested interrupt structure, an 8-input ADC, a dual
DAC pulse width modulated interface, two serial interfaces (UART
and I2C bus), a “watchdog” timer, and on-chip oscillator and timing
circuits. For systems that require extra capability, the 8XC552 can
be expanded using standard TTL compatible memories and logic
The 8XC552 has two software selectable modes of reduced activity
for further power reduction—Idle and Power-down. The idle mode
freezes the CPU and resets Timer T2 and the ADC and PWM
circuitry but allows the other timers, RAM, serial ports, and interrupt
system to continue functioning. The power-down mode saves the
RAM contents but freezes the oscillator, causing all other chip
functions to become inoperative.
83C562 OVERVIEW
The 83C562 has been derived from the 8XC552 with the following
changes:
• The SIO1 (I2C) interface has been omitted.
• The output of port lines P1.6 and P1.7 have a standard
configuration instead of open drain.
• The resolution of the A/D converter is decreased from 10 bits to 8
bits.
• The time of an A/D conversion has decreased from 50 machine
cycles to 24 machine cycles.
All other functions, pinning and packaging are unchanged.
This chapter of the users’ guide can be used for the 83C562 by
omitting or changing the following:
• Disregard the description of SIO1 (I2C).
• The SFRs for the interface: S1ADR, S1DAT, S1STA, and S1CON
are not implemented. The two SIO1 related flags ES1 in SFR
IEN0 and PS1 in SFR IP0 are also not implemented. These two
flag locations are undefined after RESET. The interrupt vector for
SIO1 is not used.
• Port lines P1.6 and P1.7 are not open drain but have the same
standard configuration and electrical characteristics as P1.0-P1.5.
Port lines P1.6 and P1.7 have alternative functions.
• The A/D converter has a resolution of 8 bits instead of 10 bits and
consequently the two high-order bits 6 and 7 of SFR ADCON are
not implemented. These two locations are undefined after RESET.
The 8-bit result of an A/D conversion is present in SFR ADCH.
The result can always be calculated from the formula:
256
V
IN * AVref
*
AV
ref
) * AVref*
The A/D conversion time is 24 machine cycles instead of 50
machine cycles, and the sampling time is 6 machine cycles
instead of 8 machine cycles. The conversion time takes 3
machine cycles per bit.
• The serial I/O function SIO0 and its SFRs S0BUF and S0CON are
renamed to SIO, SBUF, and SCON. The interrupt related flags
ES0 and PS0 are renamed ES and PS. Interrupt source S0 is
renamed S. The serial I/O function remains the same.
Differences From the 80C51
Program Memory
The 8XC552 contains 8k bytes of on-chip program memory which
can be extended to 64k bytes with external memories (see
Figure 1). When the EA pin is held high, the 8XC552 fetches
instructions from internal ROM unless the address exceeds 1FFFH.
Locations 2000H to FFFFH are fetched from external program
memory. When the EA pin is held low, all instruction fetches are
from external memory. ROM locations 0003H to 0073H are used by
interrupt service routines.
Data Memory
The internal data memory is divided into 3 sections: the lower 128
bytes of RAM, the upper 128 bytes of RAM, and the 128-byte
special function register areas. The lower 128 bytes of RAM are
directly and indirectly addressable. While RAM locations 128 to 255
and the special function register area share the same address
space, they are accessed through different addressing modes. RAM
locations 128 to 255 are only indirectly addressable, and the special
function registers are only directly addressable. All other aspects of
the internal RAM are identical to the 8051.
The stack may be located anywhere in the internal RAM by loading
the 8-bit stack pointer. Stack depth is 256 bytes maximum.
Special Function Registers
The special function registers (directly addressable only) contain all
of the 8XC552 registers except the program counter and the four
register banks. Most of the 56 special function registers are used to
control the on-chip peripheral hardware. Other registers include
arithmetic registers (ACC, B, PSW), stack pointer (SP), and data
pointer registers (DHP, DPL). Sixteen of the SFRs contain 128
directly addressable bit locations. Table 1 lists the 8XC552’s special
function registers.
The standard 80C51 SFRs are present and function identically in the
8XC552 except where noted in the following sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com