Electronic Components Datasheet Search
  English  ▼

X  

FDC37M604 Datasheet(PDF) 103 Page - SMSC Corporation

Part # FDC37M604
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M604 Datasheet(HTML) 103 Page - SMSC Corporation

Back Button FDC37M604 Datasheet HTML 99Page - SMSC Corporation FDC37M604 Datasheet HTML 100Page - SMSC Corporation FDC37M604 Datasheet HTML 101Page - SMSC Corporation FDC37M604 Datasheet HTML 102Page - SMSC Corporation FDC37M604 Datasheet HTML 103Page - SMSC Corporation FDC37M604 Datasheet HTML 104Page - SMSC Corporation FDC37M604 Datasheet HTML 105Page - SMSC Corporation FDC37M604 Datasheet HTML 106Page - SMSC Corporation FDC37M604 Datasheet HTML 107Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 182 page
background image
103
AUTO POWER MANAGEMENT
Power management capabilities are provided for
the following logical devices: floppy disk, UART
1, UART 2 and the
parallel port.
For each
logical device, two types of power management
are
provided;
direct
powerdown
and
auto
powerdown.
FDC Power Management
Direct power management is controlled by
CR22. Refer to CR22 for more information.
Auto Power Management is enabled by CR23-
B0.
When set, this bit allows FDC to enter
powerdown when all of the following conditions
have been met:
1.
The motor enable pins of register 3F2H are
inactive (zero).
2.
The part must be idle; MSR=80H and INT =
0 (INT may be high even if MSR = 80H due
to polling interrupts).
3.
The head unload timer must have expired.
4.
The Auto powerdown timer (10msec) must
have timed out.
An internal timer is initiated as soon as the auto
powerdown command is enabled. The part is
then powered down when all the conditions are
met.
Disabling the auto powerdown mode cancels the
timer and holds the FDC block out of auto
powerdown.
DSR From Powerdown
If DSR powerdown is used when the part is in
auto powerdown, the DSR powerdown will
override the auto powerdown. However, when
the part is awakened from DSR powerdown, the
auto
powerdown
will
once
again
become
effective.
Wake Up From Auto Powerdown
If the part enters the powerdown state through
the auto powerdown mode, then the part can be
awakened by reset or by appropriate access to
certain registers.
If a hardware or software reset is used then the
part will go through the normal reset sequence.
If the access is through the selected registers,
then the FDC resumes operation as though it
was never in powerdown. Besides activating the
RESET pin or one of the software reset bits in
the
DOR
or
DSR,
the
following
register
accesses will wake up the part:
1.
Enabling any one of the motor enable bits
in the DOR register (reading the DOR does
not awaken the part).
2.
A read from the MSR register.
3.
A read or write to the Data register.
Once awake, the FDC will reinitiate the auto
powerdown timer for 10 ms.
The
part will
powerdown again when all the powerdown
conditions are satisfied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com