Electronic Components Datasheet Search
  English  ▼

X  

FDC37M604 Datasheet(PDF) 104 Page - SMSC Corporation

Part # FDC37M604
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M604 Datasheet(HTML) 104 Page - SMSC Corporation

Back Button FDC37M604 Datasheet HTML 100Page - SMSC Corporation FDC37M604 Datasheet HTML 101Page - SMSC Corporation FDC37M604 Datasheet HTML 102Page - SMSC Corporation FDC37M604 Datasheet HTML 103Page - SMSC Corporation FDC37M604 Datasheet HTML 104Page - SMSC Corporation FDC37M604 Datasheet HTML 105Page - SMSC Corporation FDC37M604 Datasheet HTML 106Page - SMSC Corporation FDC37M604 Datasheet HTML 107Page - SMSC Corporation FDC37M604 Datasheet HTML 108Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 182 page
background image
104
Register Behavior
Table 44 reiterates the AT and PS/2 (including
Model 30) configuration registers available. It
also shows the type of access permitted.
In
order to maintain software transparency, access
to all the registers must be maintained. As Table
45 shows, two sets of registers are distinguished
based on whether their access results in the part
remaining in powerdown state or exiting it.
Access to all other registers is possible without
awakening the part.
These registers can be
accessed during powerdown without changing
the status of the part.
A read from these
registers will reflect the true status as shown in
the register description in the FDC description. A
write to the part will result in the part retaining
the data and subsequently reflecting it when the
part awakens.
Accessing the part during
powerdown may cause an increase in the power
consumption by the part. The part will revert
back to its low power mode when the access
has been completed.
Pin Behavior
The FDC37M60x is specifically designed for
portable
PC
systems
in
which
power
conservation is a primary concern. This makes
the behavior of the pins during powerdown very
important.
The pins of the FDC37M60x can be divided into
two major categories:
system interface and
floppy disk drive interface. The floppy disk drive
pins are disabled so that no power will be drawn
through the part as a result of any voltage
applied to the pin within the part's power supply
range. Most of the system interface pins are left
active to monitor system accesses that may
wake up the part.
System Interface Pins
Table 45 gives the state of the system interface
pins in the powerdown state. Pins unaffected by
the powerdown are labeled "Unchanged". Input
pins are "Disabled" to prevent them from
causing currents internal to the FDC37M60x
when they have indeterminate input values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com