Electronic Components Datasheet Search
  English  ▼

X  

FDC37M604 Datasheet(PDF) 108 Page - SMSC Corporation

Part # FDC37M604
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M604 Datasheet(HTML) 108 Page - SMSC Corporation

Back Button FDC37M604 Datasheet HTML 104Page - SMSC Corporation FDC37M604 Datasheet HTML 105Page - SMSC Corporation FDC37M604 Datasheet HTML 106Page - SMSC Corporation FDC37M604 Datasheet HTML 107Page - SMSC Corporation FDC37M604 Datasheet HTML 108Page - SMSC Corporation FDC37M604 Datasheet HTML 109Page - SMSC Corporation FDC37M604 Datasheet HTML 110Page - SMSC Corporation FDC37M604 Datasheet HTML 111Page - SMSC Corporation FDC37M604 Datasheet HTML 112Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 182 page
background image
108
SERIAL IRQ
The FDC37M60x will support the serial interrupt
to transmit interrupt information to the host
system. The serial interrupt scheme adheres to
the Serial IRQ Specification for PCI Systems,
Version 6.0.
Timing Diagrams For IRQSER Cycle
PCICLK = 33 MHz_IN pin
IRQSER = SIRQ pin
A) Start Frame timing with source sampled a low pulse on IRQ1
R
T
S
R
T
S
IRQSER
PCICLK
Host Controller
IRQ1
IRQ1
Drive Source
R
T
None
IRQ0 FRAME IRQ1 FRAME
S
R
T
IRQ2 FRAME
None
START
START FRAME
H
SL
or
H
1
H=Host Control, R=Recovery, SL=Slave Control, T=Turn-Around, S=Sample
1) Start Frame pulse can be 4-8 clocks wide.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com