Electronic Components Datasheet Search
  English  ▼

X  

FDC37M604 Datasheet(PDF) 110 Page - SMSC Corporation

Part # FDC37M604
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M604 Datasheet(HTML) 110 Page - SMSC Corporation

Back Button FDC37M604 Datasheet HTML 106Page - SMSC Corporation FDC37M604 Datasheet HTML 107Page - SMSC Corporation FDC37M604 Datasheet HTML 108Page - SMSC Corporation FDC37M604 Datasheet HTML 109Page - SMSC Corporation FDC37M604 Datasheet HTML 110Page - SMSC Corporation FDC37M604 Datasheet HTML 111Page - SMSC Corporation FDC37M604 Datasheet HTML 112Page - SMSC Corporation FDC37M604 Datasheet HTML 113Page - SMSC Corporation FDC37M604 Datasheet HTML 114Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 182 page
background image
110
IRQSER Cycle Control
There are two modes of operation for the
IRQSER Start Frame.
1) Quiet (Active) Mode: Any device may initiate
a Start Frame by driving the IRQSER low for
one clock, while the IRQSER is Idle.
After
driving low for one clock the IRQSER must
immediately be tri-stated without at any time
driving high. A Start Frame may not be initiated
while the IRQSER is Active. The IRQSER is Idle
between Stop and Start Frames. The IRQSER
is Active between Start and Stop Frames. This
mode of operation allows the IRQSER to be Idle
when there are no IRQ/Data transitions which
should be most of the time.
Once a Start Frame has been initiated the Host
Controller will take over driving the IRQSER low
in the next clock and will continue driving the
IRQSER low for a programmable period of three
to seven clocks. This makes a total low pulse
width of four to eight clocks. Finally, the Host
Controller will drive the IRQSER back high for
one clock, then tri-state.
Any IRQSER Device (i.e., The FDC37M60x)
which detects any transition on an IRQ/Data line
for which it is responsible must initiate a Start
Frame in order to update the Host Controller
unless the IRQSER is already in an IRQSER
Cycle and the IRQ/Data transition can be
delivered in that IRQSER Cycle.
2) Continuous (Idle) Mode: Only the Host
controller can initiate a Start Frame to update
IRQ/Data line information.
All other IRQSER
agents become passive and may not initiate a
Start Frame. IRQSER will be driven low for four
to eight clocks by Host Controller. This mode
has two functions. It can be used to stop or idle
the IRQSER or the Host Controller can operate
IRQSER in a continuous mode by initiating a
Start Frame at the end of every Stop Frame.
An IRQSER mode transition can only occur
during the Stop Frame. Upon reset, IRQSER
bus
is
defaulted
to
Continuous
mode,
therefore only the Host controller can initiate
the
first
Start
Frame.
Slaves
must
continuously sample the Stop Frames pulse
width to determine the next IRQSER Cycle’s
mode.
IRQSER Data Frame
Once a Start Frame has been initiated, the
FDC37M60x will watch for the rising edge of the
Start Pulse and start counting IRQ/Data Frames
from there.
Each IRQ/Data Frame is three
clocks: Sample phase, Recovery phase, and
Turn-around phase. During the Sample phase
the FDC37M60x must drive the IRQSER (SIRQ
pin) low, if and only if, its last detected IRQ/Data
value was low. If its detected IRQ/Data value is
high, IRQSER must be left tri-stated. During the
Recovery phase the FDC37M60x must drive the
SERIRQ high, if and only if, it had driven the
IRQSER low during the previous Sample Phase.
During the Turn-around Phase the FDC37M60x
must tri-state the SERIRQ. The FDC37M60x will
drive the IRQSER line low at the appropriate
sample point if its associated IRQ/Data line is
low, regardless of which device initiated the
Start Frame.
The Sample Phase for each IRQ/Data follows
the low to high transition of the Start Frame
pulse by a number of clocks equal to the
IRQ/Data Frame times three, minus one. (e.g.
The IRQ5 Sample clock is the sixth IRQ/Data
Frame, (6 x 3) - 1 = 17th clock after the rising
edge of the Start Pulse.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com