Electronic Components Datasheet Search
  English  ▼

X  

FDC37M604 Datasheet(PDF) 113 Page - SMSC Corporation

Part # FDC37M604
Description  ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37M604 Datasheet(HTML) 113 Page - SMSC Corporation

Back Button FDC37M604 Datasheet HTML 109Page - SMSC Corporation FDC37M604 Datasheet HTML 110Page - SMSC Corporation FDC37M604 Datasheet HTML 111Page - SMSC Corporation FDC37M604 Datasheet HTML 112Page - SMSC Corporation FDC37M604 Datasheet HTML 113Page - SMSC Corporation FDC37M604 Datasheet HTML 114Page - SMSC Corporation FDC37M604 Datasheet HTML 115Page - SMSC Corporation FDC37M604 Datasheet HTML 116Page - SMSC Corporation FDC37M604 Datasheet HTML 117Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 182 page
background image
113
8042 KEYBOARD CONTROLLER DESCRIPTION
The FDC37M60x is a Super I/O and Universal
Keyboard
Controller
that
is
designed
for
intelligent keyboard management in desktop
computer applications. The Super I/O supports
a Floppy Disk Controller, two 16550 type serial
ports one ECP/EPP Parallel Port.
The Universal Keyboard Controller uses an
8042 microcontroller CPU core.
This section
concentrates on the FDC37M60x enhancements
to the 8042. For general information about the
8042, refer to the "Hardware Description of the
8042" in the 8 Bit Embedded Controller Hand-
book.
KIRQ is the Keyboard IRQ
MIRQ is the Mouse IRQ
Port 21 is used to create a GATEA20 signal from the FDC37M60x.
8042A
P27
P10
P26
TST0
P23
TST1
P22
P11
KDAT
KCLK
MCLK
MDAT
Keyboard and Mouse Interface
LS05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com