Electronic Components Datasheet Search
  English  ▼

X  

CS53L30 Datasheet(PDF) 48 Page - Cirrus Logic

Part # CS53L30
Description  Low-Power Quad-Channel Microphone ADC with TDM Output
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L30 Datasheet(HTML) 48 Page - Cirrus Logic

Back Button CS53L30 Datasheet HTML 44Page - Cirrus Logic CS53L30 Datasheet HTML 45Page - Cirrus Logic CS53L30 Datasheet HTML 46Page - Cirrus Logic CS53L30 Datasheet HTML 47Page - Cirrus Logic CS53L30 Datasheet HTML 48Page - Cirrus Logic CS53L30 Datasheet HTML 49Page - Cirrus Logic CS53L30 Datasheet HTML 50Page - Cirrus Logic CS53L30 Datasheet HTML 51Page - Cirrus Logic CS53L30 Datasheet HTML 52Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 67 page
background image
48
DS992F2
CS53L30
7.6 MCLK Control
5
DISCHARGE_
FILT+
Discharge FILT+ capacitor. Configures the state of the FILT+ pin internal clamp. Before setting this bit, ensure that the
VA pin is connected to a supply, as described in Table 3-1.
0 (Default) FILT+ is not clamped to ground.
1 FILT+ is clamped to ground. This must be set only if PDN_ULP or PDN_LP = 1. Discharge time with an external
2.2-µF capacitor on FILT+ is ~46 ms.
4
THMS_PDN Thermal-sense power down. Configures the state of the power sense circuit.
0 Powered up.
1 (Default) Powered down.
3:0
—
Reserved
7.6 MCLK Control
Address 0x07
R/W
7
6
54321
0
MCLK_DIS
MCLK_INT_SCALE DMIC_DRIVE
—
MCLK_DIV[1:0]
SYNC_EN
—
Default
0
0
0
0010
0
Bits
Name
Description
7
MCLK_DIS Master clock disable. Configures the state of the internal MCLK signal prior to its fanout to all internal circuitry.
0 (Default) On
1 Off; Disables the clock tree to save power when the device is powered down and the external MCLK is running.
Note: The external MCLK must be running whenever this bit is altered.
6MCLK_INT_
SCALE
Internal MCLK scaling enable. Allows internal modulator rate to be scaled with the ASP_RATE setting to save power.
0 (Default) Off. MCLKINT and FsINT divide-ratio is 1.
1 On. Enables internal MCLK and FsINT scaling. MCLKINT and FsINT divide ratio is either 2 or 4, depending on ASP_
RATE and INTERNAL_FS_RATIO settings (see Table 4-2).
5DMIC_
DRIVE
DMIC clock output drive strength. Selects the drive strength used for the DMICx clock outputs. Table 3-14 describes
drive-strength specifications.
0 (Default) Normal
1 Decreased
4—
Reserved
3:2 MCLK_DIV Master clock divide ratio. Selects the divide ratio between the selected MCLK source and the internal MCLK (MCLKINT).
Table 4-2 lists supported MCLK rates and their associated programming settings.
00 Divide by 1
01 (Default) Divide by 2
10 Divide by 3
11 Reserved
• This field must be changed only if PDN_ULP or PDN_LP = 1 and MCLK_DIS = 1.
• The control port’s autoincrement feature is not supported on this bit field.
1
SYNC_EN Multichip synchronization enable. Toggle high to enable synchronization sequence.
0)(Default) No activity
1)Begins multichip synchronization sequence. To restart the sequence this bit must be cleared and then set.
0—
Reserved
7.7 Internal Sample Rate Control
Address 0x08
R/W
7
6
5
4
321
0
—
INTERNAL_FS_RATIO
—
MCLK_19MHZ_EN
Default
0
0
0
1
1
1
0
0
Bits
Name
Description
7:5
—
Reserved
4
INTERNAL_
FS_RATIO
Internal sample rate (Fsint). Selects the divide ratio from MCLKINT to produce the internal sample rate used for all
converters. Slave/Master Mode is determined by ASP_M/S on p. 49.
0MCLKINT/125
1 (Default) MCLKINT/128
3:1
—
Reserved
0MCLK_
19MHZ_EN
19.2-MHz MCLK enable. (Slave/Master Mode is determined by ASP_M/S on p. 49.)
0 (Default) MCLK
19.2 MHz
1MCLK = 19.2 MHz
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com