Electronic Components Datasheet Search
  English  ▼

X  

CS53L30 Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS53L30
Description  Low-Power Quad-Channel Microphone ADC with TDM Output
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L30 Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS53L30 Datasheet HTML 22Page - Cirrus Logic CS53L30 Datasheet HTML 23Page - Cirrus Logic CS53L30 Datasheet HTML 24Page - Cirrus Logic CS53L30 Datasheet HTML 25Page - Cirrus Logic CS53L30 Datasheet HTML 26Page - Cirrus Logic CS53L30 Datasheet HTML 27Page - Cirrus Logic CS53L30 Datasheet HTML 28Page - Cirrus Logic CS53L30 Datasheet HTML 29Page - Cirrus Logic CS53L30 Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 67 page
background image
26
DS992F2
CS53L30
4.6 Serial Ports
4.6.3
High-Impedance Mode
The serial port may be placed on a clock/data bus that allows multiple masters, without a need for external buffers. The
ASP_3ST bit places the internal buffers for the serial port interface signals in a high-impedance state, allowing another
device to transmit clocks and data without bus contention. If the CS53L30 serial port is a timing slave, its ASP_SCLK and
ASP_LRCK/FSYNC I/Os are always inputs and are thus unaffected by the ASP_3ST control.
In Slave Mode, setting ASP_3ST tristates the ASP_SDOUTx pins. In Master Mode, setting ASP_3ST tristates the ASP_
SCLK, ASP_LRCK/FSYNC, and ASP_SDOUTx pins. Before setting an ASP_3ST bit, the associated serial port must be
powered down and must not be powered up until the ASP_3ST bit is cleared. Below is the recommended tristate
sequence.
Sequence for initiating tristate:
1. Set the ASP_SDOUT1_PDN and ASP_SDOUT2_PDN bits.
2. If the ASP is in TDM Mode, set the ASP_TDM_PDN bit.
3. Set the ASP_3ST bit.
Sequence for removing tristate:
1. Clear the ASP_3ST bit.
2. If TDM Mode is desired, clear the ASP_TDM_PDN bit.
3. Clear the ASP_SDOUT1_PDN and ASP_SDOUT2_PDN bits.
Fig. 4-9 and Fig. 4-10 show serial port interface busing for master and slave timing serial-port use cases.
4.6.4
Master and Slave Timing
Serial ports can independently operate as the master of timing or as a slave to another device’s timing. When mastering,
ASP_SCLK and ASP_LRCK/FSYNC are outputs; when slaved, they are inputs. ASP_M/S determines the Master/Slave
Mode.
In Master Mode, ASP_SCLK and ASP_LRCK/FSYNC clock outputs are either derived from the internal MCLK or taken
directly from its source, MCLK.
Table 4-2 lists supported interface sample rates (Fsext) for each supported MCLK and documents how to program the
registers to derive the desired Fsext.
Figure 4-9. Serial Port Busing when Master Timed
Figure 4-10. Serial Port Busing when Slave Timed
CODEC Interface
Transmitting Device
#1
Transmitting
Device #2
Receiving Device
ASP_SDOUTx
ASP_SCLK,
ASP_LRCK
ASP_3ST
Transmitting
Device
#2
CODEC Interface
Transmitting Device
#1
ASP_SDOUTx
ASP_SCLK,
ASP_LRCK
ASP_3ST
Receiving Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com