Electronic Components Datasheet Search
  English  ▼

X  

CS53L30 Datasheet(PDF) 66 Page - Cirrus Logic

Part # CS53L30
Description  Low-Power Quad-Channel Microphone ADC with TDM Output
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L30 Datasheet(HTML) 66 Page - Cirrus Logic

Back Button CS53L30 Datasheet HTML 59Page - Cirrus Logic CS53L30 Datasheet HTML 60Page - Cirrus Logic CS53L30 Datasheet HTML 61Page - Cirrus Logic CS53L30 Datasheet HTML 62Page - Cirrus Logic CS53L30 Datasheet HTML 63Page - Cirrus Logic CS53L30 Datasheet HTML 64Page - Cirrus Logic CS53L30 Datasheet HTML 65Page - Cirrus Logic CS53L30 Datasheet HTML 66Page - Cirrus Logic CS53L30 Datasheet HTML 67Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 66 / 67 page
background image
66
DS992F2
CS53L30
10.2 QFN Package
10.2 QFN Package
Figure 10-2. 32-Pin QFN Package Drawing 1
11 Thermal Characteristics
12 Ordering Information
Dim
Millimeters
Min
Nom
Max
A—
—
1.00
A1
0.00
—
0.05
b
0.200.250.30
D
5.00 BSC
D2
3.55
3.65
3.75
E
5.00 BSC
E2
3.55
3.65
3.75
e
0.50 BSC
L
0.350.400.45
JEDEC #: MO–220
Controlling dimension is millimeters.
1. Dimensioning and tolerances per ASME Y 14.5M–1995.
2. Dimensioning lead width applies to the plated terminal and is measured between 0.20 and 0.25 mm from
the terminal tip.
Table 11-1. Thermal Characteristics
Parameters 1,2
1.Test printed circuit board assembly (PCBA) constructed in accordance with JEDEC standard JESD51–9. Two-signal, two-plane (2s2p) PCB used.
2.Test conducted with still air on a four-layer board in accordance with JEDEC standards, JESD51, JESD51–2A, and JESD51–8.
Symbol
Min
Typ
Max
Units
Junction-to-ambient thermal impedance
WLCSP
QFN
JA
—
—
61
28
—
—
°C/W
°C/W
Junction-to-printed circuit board thermal impedance
WLCSP
QFN
JB
—
—
10
15
—
—
°C/W
°C/W
Table 12-1. Ordering Information
Product
Description
Package
Pb Free
Grade
Temp Range
Container
Order #
CS53L30 Low-Power Quad-Channel
Microphone ADC with TDM Output
30-ball WLCSP
Yes
Commercial –10°C to +70°C Tape and reel CS53L30-CWZR
32-pin QFN
Yes
Commercial –10°C to +70°C Tape and reel CS53L30-CNZR
Tray
CS53L30-CNZ
b
A
A1
Pin #1 Corner
E
D2
Pin #1 Corner
E2
D
Top View
Side View
Bottom View
e
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com