Electronic Components Datasheet Search
  English  ▼

X  

CS53L30 Datasheet(PDF) 60 Page - Cirrus Logic

Part # CS53L30
Description  Low-Power Quad-Channel Microphone ADC with TDM Output
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L30 Datasheet(HTML) 60 Page - Cirrus Logic

Back Button CS53L30 Datasheet HTML 56Page - Cirrus Logic CS53L30 Datasheet HTML 57Page - Cirrus Logic CS53L30 Datasheet HTML 58Page - Cirrus Logic CS53L30 Datasheet HTML 59Page - Cirrus Logic CS53L30 Datasheet HTML 60Page - Cirrus Logic CS53L30 Datasheet HTML 61Page - Cirrus Logic CS53L30 Datasheet HTML 62Page - Cirrus Logic CS53L30 Datasheet HTML 63Page - Cirrus Logic CS53L30 Datasheet HTML 64Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 67 page
background image
60
DS992F2
CS53L30
9.1 Digital Filter Response
9.1.3
Combined ADC and SRC Response, Fsext = 50 kHz, Fsint = 16 kHz, MCLK = 19.2 MHz
Figure 9-9. Transition Band—ADCx, Notch Disabled
Figure 9-10. Phase Response—ADCx, Notch Disabled
Figure 9-11. Passband—ADCx, Notch Enabled
Figure 9-12. Stopband—ADCx, Notch Enabled
Figure 9-13. Transition Band—ADCx, Notch Enabled
Figure 9-14. Phase Response—ADCx, Notch Enabled
0.3
0.35
0.4
0.45
0.5
0.55
0.6
0.65
0.7
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Frequency (normalized to Fs)
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
-600
-500
-400
-300
-200
-100
0
Frequency (normalized to Fs)
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
-0.25
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0.25
Frequency (normalized to Fs
ext
)
0
0.5
1
1.5
2
2.5
3
-160
-140
-120
-100
-80
-60
-40
-20
0
Frequency (normalized to Fs
ext
)
0.4
0.42
0.44
0.46
0.48
0.5
0.52
0.54
0.56
0.58
0.6
-160
-140
-120
-100
-80
-60
-40
-20
0
Frequency (normalized to Fs
ext
)
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
-1000
-900
-800
-700
-600
-500
-400
-300
-200
-100
0
Frequency (normalized to Fs
ext
)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com