Electronic Components Datasheet Search
  English  ▼

X  

CS53L30 Datasheet(PDF) 41 Page - Cirrus Logic

Part # CS53L30
Description  Low-Power Quad-Channel Microphone ADC with TDM Output
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L30 Datasheet(HTML) 41 Page - Cirrus Logic

Back Button CS53L30 Datasheet HTML 37Page - Cirrus Logic CS53L30 Datasheet HTML 38Page - Cirrus Logic CS53L30 Datasheet HTML 39Page - Cirrus Logic CS53L30 Datasheet HTML 40Page - Cirrus Logic CS53L30 Datasheet HTML 41Page - Cirrus Logic CS53L30 Datasheet HTML 42Page - Cirrus Logic CS53L30 Datasheet HTML 43Page - Cirrus Logic CS53L30 Datasheet HTML 44Page - Cirrus Logic CS53L30 Datasheet HTML 45Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 67 page
background image
DS992F2
41
CS53L30
5.3 Power-Down Sequence
5.3 Power-Down Sequence
Ex. 5-2 is a procedure for powering down the device.
9.4 Configure the ADC2A
and ADC2B preamp
and PGA settings.
ADC2A/2B AFE Control, Address 0x31–0x32
ADC2A AFE Control, Address 0x31
0x40
ADC2A_PREAMP[1:0]†
ADC2A_PGA_VOL[5:0]†
01
00 0000
ADC2A preamp gain is +10 dB.
ADC2A PGA is set to 0 dB.
ADC2B AFE Control, Address 0x32
0x40
ADC2B_PREAMP[1:0]†
ADC2B_PGA_VOL[5:0]†
01
00 0000
ADC2B preamp gain is +10 dB.
ADC2B PGA is set to 0 dB.
9.5 Configure the ADC2A
and ADC2B channel
volumes.
ADC2A/2B Digital Volume, Address 0x33–0x34
ADC2A Digital Volume, Address 0x33
0x00
ADC2A_VOL[7:0]†
0000 0000 ADC2A digital volume is set to 0 dB.
ADC2B Digital Volume, Address 0x34
0x00
ADC2B_VOL[7:0]†
0000 0000 ADC2B digital volume is set to 0 dB.
10 Write the following registers to power up the device.
STEP TASK
REGISTER/BIT FIELDS
VALUE
DESCRIPTION
10.1 Enable TDM Mode.
ASP Control 1, Address 0x0D
0x00
ASP_TDM_PDN
ASP_SDOUT1_PDN
ASP_3ST
SHIFT_LEFT†
Reserved
ASP_SDOUT1_DRIVE†
0
0
0
0
000
0
TDM Mode is enabled.
ASP_SDOUT1 output path is powered up.
ASP output clocks are active.
No shift.
—
The ASP_SDOUT1 pin has normal drive strength.
10.2 Power up the device. Power Control, Address 0x06
0x00
PDN_ULP
PDN_LP
DISCHARGE_FILT+
THMS_PDN†
Reserved
0
0
0
0
0000
Ultralow power down is not enabled.
Power down is not enabled.
FILT+ pin is not clamped to ground.
Thermal sense is enabled.
—
† Indicates bit fields for which the provided values are typical, but are not required for configuring the key functionality of the sequence. In the target
application, these fields can be set as desired without affecting the configuration goal of this start-up sequence.
Example 5-2. Power-Down Sequence
STEP TASK
1 Write the following registers to mute the digital outputs.
STEP TASK
REGISTER/BIT FIELDS
VALUE
DESCRIPTION
1.1 Mute Channels 1A
and 1B.
ADC1A/1B Digital Volume, Address 0x2B–0x2C
ADC1A Digital Volume, Address 0x2B
0x80
ADC1A_VOL[7:0]
1000 0000 ADC1A digital volume is set to mute.
ADC1B Digital Volume, Address 0x2C
0x80
ADC1B_VOL[7:0]
1000 0000 ADC1B digital volume is set to mute.
1.2 Mute Channels 2A
and 2B.
ADC2A/2B Digital Volume, Address 0x33–0x34
ADC2A Digital Volume, Address 0x33
0x80
ADC2A_VOL[7:0]
1000 0000 ADC2A digital volume is set to mute.
ADC2B Digital Volume, Address 0x34
0x80
ADC2B_VOL[7:0]
1000 0000 ADC2B digital volume is set to mute.
2 Read the interrupt status
register to clear any
previous PDN_DONE
interrupts.
REGISTER/BIT FIELDS
VALUE
DESCRIPTION
Device Interrupt Status, Address 0x36
PDN_DONE
THMS_TRIP
SYNC_DONE
ADC2B_OVFL
ADC2A_OVFL
ADC1B_OVFL
ADC1A_OVFL
MUTE_PIN
x
x
x
x
x
x
x
x
Indicates power down status.
Indicates thermal sense trip.
Indicates multichip synchronization sequence done.
Indicates overrange status in corresponding signal path.
Indicates overrange status in corresponding signal path.
Indicates overrange status in corresponding signal path.
Indicates overrange status in corresponding signal path.
Indicates MUTE pin assertion.
Example 5-1. Power-Up Sequence (Cont.)
STEP TASK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com