| Electronic Components Datasheet Search |
|
CS53L30 Datasheet(PDF) 30 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS53L30 Datasheet(HTML) 30 Page - Cirrus Logic |
|
30 / 67 page ![]() 30 DS992F2 CS53L30 4.7 TDM Mode Figure 4-13. TDM Format—ASP_SCLK_INV = 0, SHIFT_LEFT = 1 Figure 4-14. TDM Format—SCLK_INV = 1, SHIFT_LEFT = 0 Figure 4-15. TDM Format—SCLK_INV = 1, SHIFT_LEFT = 1 Figure 4-16. TDM Format—Unused SCLK Cycles In TDM Master Mode, SCLK is a buffered version of MCLK and is not scaled to FSext as it is in I2S Mode. Because of this, and because the number of available bits on a given bus is defined by the ratio of SCLK to sample rate (SCLK/fFSYNC), the TDM bus use can vary. As Table 4-3 shows, applying the SCLK/fFSYNC relationship to the supported clocks and sample rates of the device results in different numbers of available slots as well as different numbers of unused bits. Table 4-3. Slot Count and Resulting Unused Clock Cycles for Supported SCLK and Sample Rates SCLK Frequency [MHz] FSYNC Sample Rate [kHz] Number of Available Slots Resulting Number of Unused SCLK Cycles 5.6448 11.025 48 128 22.050 32 0 44.100 16 0 11.2896 11.025 48 640 22.050 48 128 44.100 32 0 0:7 0:6 0:5 0:4 0:3 0:2 0:1 0:0 1:7 1:6 1:5 m:2 m:1 m:0 0:7 FSYNC SCLK (ASP_SCLK_INV = 0, default) SDOUT (SHIFT_LEFT = 1) Slot 0 Slot 1 m:0 Slot m 0:7 0:6 0:5 0:4 0:3 0:2 0:1 0:0 1:7 1:6 1:5 m:2 m:1 m:0 0:7 FSYNC SCLK (ASP_SCLK_INV = 1) SDOUT (SHIFT_LEFT = 0, default) Slot 0 Slot 1 m:0 Slot m 0:7 0:6 0:5 0:4 0:3 0:2 0:1 0:0 1:7 1:6 1:5 m:2 m:1 m:0 0:7 FSYNC SCLK (ASP_SCLK_INV = 1) SDOUT (SHIFT_LEFT = 1) Slot 0 Slot 1 m:0 Slot m 0:7 0:7 0:6 0:5 0:4 0:3 0:2 0:1 0:0 1:7 1:6 1:5 m:2 m:1 m:0 FSYNC SCLK (ASP_SCLK_INV = 0, default) SDOUT (SHIFT_LEFT = 0, default) Slot 0 Slot 1 m:0 Slot m Unused clocks In Master Mode, all unused SCLKs are driven. In Slave Mode, bursted SCLK is supported. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |