Electronic Components Datasheet Search
  English  ▼

X  

CS53L30 Datasheet(PDF) 51 Page - Cirrus Logic

Part # CS53L30
Description  Low-Power Quad-Channel Microphone ADC with TDM Output
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L30 Datasheet(HTML) 51 Page - Cirrus Logic

Back Button CS53L30 Datasheet HTML 47Page - Cirrus Logic CS53L30 Datasheet HTML 48Page - Cirrus Logic CS53L30 Datasheet HTML 49Page - Cirrus Logic CS53L30 Datasheet HTML 50Page - Cirrus Logic CS53L30 Datasheet HTML 51Page - Cirrus Logic CS53L30 Datasheet HTML 52Page - Cirrus Logic CS53L30 Datasheet HTML 53Page - Cirrus Logic CS53L30 Datasheet HTML 54Page - Cirrus Logic CS53L30 Datasheet HTML 55Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 67 page
background image
DS992F2
51
CS53L30
7.15 LRCK Control 1
7.15 LRCK Control 1
Address 0x1B
R/W
7
654
32
10
LRCK_TPWH[10:3]
Default
0
000
00
00
Bits
Name
Description
7:0
LRCK_
TPWH[10:3]
LRCK high-time pulse width [10:3]. With LRCK_TPWH[2:0], sets the number of SCLK cycles for which the LRCK remains
high. Active only when in TDM Mode and LRCK_50_NPW = 1.
0x000 (Default) LRCK high time is 1 SCLK wide
0x001 LRCK high time is 2 SCLKs wide
7.16 LRCK Control 2
Address 0x1C
R/W
7654
3
2
10
—
LRCK_50_NPW
LRCK_TPWH[2:0]
Default
0000
0
0
00
Bits
Name
Description
7:4
—
Reserved
3
LRCK_50_NPW LRCK either 50% duty cycle or programmable high-time pulse width. In TDM Mode, pulse width can be 50% or
programmable up to 2047 x SCLK cycles.
0 (Default) High-time pulse width set by LRCK_TPWH[10:0].
1 50% duty cycle
2:0 LRCK_TPWH[2:0] LRCK high time pulse width [2:0]. With LRCK_TPWH[10:3], sets the LRCK high time in TDM Mode. See Section 7.15.
7.17 MUTE Pin Control 1
Address 0x1F
R/W
7
654
3210
MUTE_PDN_
ULP
MUTE_PDN_
LP
—
MUTE_M4B_
PDN
MUTE_M3B_
PDN
MUTE_M2B_
PDN
MUTE_M1B_
PDN
MUTE_MB_
ALL_PDN
Default
0
000
0000
Bits
Name
Description
7
MUTE_PDN_ULP
Power down all ADCs, references, and mic biases when the MUTE pin is asserted.
0 (Default) Not affected by MUTE pin
1 Powered down when MUTE pin asserted
6
MUTE_PDN_LP
Power down all ADCs and mic biases when the MUTE pin is asserted.
0 (Default) Not affected by MUTE pin
1 Powered down when MUTE pin asserted
5—
Reserved
4, 3,
2, 1
MUTE_MxB_PDN
Individual power down controls for the MICx biases when the MUTE pin is asserted.
0 (Default) Not affected by MUTE pin
1 Powered down when MUTE pin asserted
0
MUTE_MB_ALL_PDN Power down all mic biases when the MUTE pin is asserted.
0 (Default) Not affected by MUTE pin
1 Powered down when MUTE pin asserted
7.18 MUTE Pin Control 2
Address 0x20
R/W
765432
10
MUTE_PIN_
POLARITY
MUTE_ASP_
TDM_PDN
MUTE_ASP_
SDOUT2_PDN
MUTE_ASP_
SDOUT1_PDN
MUTE_
ADC2B_PDN
MUTE_
ADC2A_PDN
MUTE_
ADC1B_PDN
MUTE_
ADC1A_PDN
Default
10000
000
Bits
Name
Description
7
MUTE_PIN_
POLARITY
MUTE pin polarity.
0 MUTE pin is active low.
1 (Default) MUTE pin is active high.
6
MUTE_ASP_TDM_
PDN
Power down TDM when MUTE pin is asserted.
0 (Default) Not affected by MUTE pin.
1 If MUTE_ASP_SDOUT1_PDN is set, the TDM interface is powered down when MUTE pin is asserted.
5
MUTE_ASP_
SDOUT2_PDN
Power down ASP_SDOUT2 when MUTE pin is asserted. Setting is ignored in TDM Mode.
0 (Default) Not affected by MUTE pin.
1 Powered down when MUTE pin asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com