Electronic Components Datasheet Search
  English  ▼

X  

CS53L30 Datasheet(PDF) 50 Page - Cirrus Logic

Part # CS53L30
Description  Low-Power Quad-Channel Microphone ADC with TDM Output
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L30 Datasheet(HTML) 50 Page - Cirrus Logic

Back Button CS53L30 Datasheet HTML 46Page - Cirrus Logic CS53L30 Datasheet HTML 47Page - Cirrus Logic CS53L30 Datasheet HTML 48Page - Cirrus Logic CS53L30 Datasheet HTML 49Page - Cirrus Logic CS53L30 Datasheet HTML 50Page - Cirrus Logic CS53L30 Datasheet HTML 51Page - Cirrus Logic CS53L30 Datasheet HTML 52Page - Cirrus Logic CS53L30 Datasheet HTML 53Page - Cirrus Logic CS53L30 Datasheet HTML 54Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 67 page
background image
50
DS992F2
CS53L30
7.11 ASP TDM TX Control 1–4
7.11 ASP TDM TX Control 1–4
Address 0x0E–0x11
R/W
7
6
543
2
1
0
ASP_CHx_TX_STATE
—
ASP_CHx_TX_LOC[5:0]
Default
0
0
1
0
1
1
1
1
Bits
Name
Description
7ASP_
CHx_TX_
STATE
ASP TDM TX state control. Configures the state of the data for the ASP on Channel x.
0 (Default) Channel data is available
1 Channel data is not available
6—
Reserved
5:0
ASP_
CHx_TX_
LOC
ASP TDM TX location control. Configures the first TDM slot in which the respective data set is to be transmitted on the ASP.
Section 4.7 describes configuration and priorities. To avoid overlap, the following channel’s start slot must also be configured.
00 0000 Slot 0 …
10 1111 (Default) Slot 47
11 0000–11 1111 Reserved
7.12 ASP TDM TX Enable 1–6
Address 0x12–0x17
R/W
7
654
32
10
0x12
ASP_TX_ENABLE[47:40]
0x13
ASP_TX_ENABLE[39:32]
0x14
ASP_TX_ENABLE[31:24]
0x15
ASP_TX_ENABLE[23:16]
0x16
ASP_TX_ENABLE[15:8]
0x17
ASP_TX_ENABLE[7:0]
Default
0
000
00
00
Bits
Name
Description
7:0 ASP_TX_
ENABLEx
ASP TDM TX Enable. Each bit individually enables or disables one of 48 slots for transmission on ASP_SDOUT1 pin. TDM
slots 7–0 are enabled by ASP_TX_ENABLE[7:0], slots 15–8 are enabled by ASP_TX_ENABLE[15:8], and so on.
0 (Default) Not enabled (Hi-Z)
1 Enabled (driven)
7.13 ASP Control 2
Address 0x18
R/W
7
6
543
21
0
—
ASP_SDOUT2_PDN
—
ASP_SDOUT2_DRIVE
Default
0
0
0
0
0
0
0
0
Bits
Name
Description
7—
Reserved
6
ASP_
SDOUT2_
PDN
ASP_SDOUT2 output path power down. Configures the ASP_SDOUT2 path’s power state for I2S Mode (ASP_TDM_PDN = 1).
0 (Default) Powered up
1 Powered down, ASP_SDOUT2 is Hi-Z. Setting this bit does not tristate the serial port clock. If ASP_TDM_PDN is cleared,
setting this bit does not affect ASP_SDOUT2.
5:1
—
Reserved
0
ASP_
SDOUT2_
DRIVE
ASP_SDOUT2 output drive strength. Table 3-14 describes drive-strength specifications.
0 (Default) Normal
1 Decreased
7.14 Soft Ramp Control
Address 0x1A
R/W
7
654
32
10
—DIGSFT
—
Default
0
000
00
00
Bits
Name
Description
7:6
—
Reserved
5
DIGSFT Digital soft ramp. Configures an incremental volume ramp of all digital volumes from the current level to the new level. The
soft ramp rate is fixed at 8 FSint periods per step. Step size is fixed at 0.125 dB.
0 (Default) Do not occur with a soft ramp
1 Occurs with a soft ramp
4:0
—
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com