Electronic Components Datasheet Search
  English  ▼

X  

CS53L30 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS53L30
Description  Low-Power Quad-Channel Microphone ADC with TDM Output
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L30 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS53L30 Datasheet HTML 11Page - Cirrus Logic CS53L30 Datasheet HTML 12Page - Cirrus Logic CS53L30 Datasheet HTML 13Page - Cirrus Logic CS53L30 Datasheet HTML 14Page - Cirrus Logic CS53L30 Datasheet HTML 15Page - Cirrus Logic CS53L30 Datasheet HTML 16Page - Cirrus Logic CS53L30 Datasheet HTML 17Page - Cirrus Logic CS53L30 Datasheet HTML 18Page - Cirrus Logic CS53L30 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 67 page
background image
DS992F2
15
CS53L30
3 Characteristics and Specifications
Table 3-12. Switching Specifications—Time-Division Multiplexed (TDM) Mode
Test conditions (unless specified otherwise): Fig. 2-1 shows CS53L30 connections; GNDA = GNDD = 0 V; all voltages are with respect to ground;
parameters can vary with VA; typical performance data taken with VA = 1.8 V, VP = 3.6 V; min/max performance data taken with VA = 1.8 V, VP = 3.6 V;
TA = +25°C; Test load for ASP_LRCK/FSYNC, ASP_SCLK, and ASP_SDOUT1 CL = 60 pF; logic 0 = ground, logic 1 = VA; ASPx_DRIVE = 0; input
timings are measured at VIL and VIH thresholds, and output timings are measured at VOL and VOH thresholds (see Table 3-14).
Parameters
Symbol
Min
Max
Units
MCLK frequency
—
1.024
19.2
MHz
MCLK duty cycle
—45
55
%
Slave mode
Input sample rate (FSYNC) 1,2
1.Clock rates must be stable when the device is powered up and the serial port is not powered down. Therefore, the appropriate serial port must be
powered down before any clock rates are changed.
2.Maximum frequency for the highest supported nominal rate is indicated.
Table 4-2 shows nominal MCLK rates and their associated configurations.
Fsext
—48
kHz
FSYNC high time pulse 3
3.“n” refers to the total number of SCLKs in one FSYNC frame.
tFSYNC
1/fSCLK
(n–1)/fSCLK
s
FSYNC setup time before SCLK rising edge
tSETUP1
20
—
ns
SCLK frequency 4,5
4.If MCLK_19MHZ_EN is set, the maximum SCLK frequency is 6.4 MHz. If SHIFT_LEFT is set, the maximum SCLK frequency is 6.4 MHz.
5.SCLK frequency must be high enough to provide the necessary SCLK cycles to capture all the serial audio port bits.
fSCLK
—12.288
MHz
SCLK duty cycle
—
45
55
%
SDOUT delay time after SCLK rising edge 6
6.Single-device TDM timings
SHIFT_LEFT = 0
tCLK-Q1
—25
ns
SHIFT_LEFT = 1
tCLK-Q1
—45
ns
SDOUT hold time of LSB before transition to Hi-Z
SHIFT_LEFT = 0 [7]
7.Hand-off timing for
multidevice systems
(SHIFT_LEFT = 0.
tHOLD2
10
30
ns
SHIFT_LEFT = 1 [8]
tHOLD2
10
40
ns
Master mode Output sample rate (FSYNC) 1
Fsext
—
[9]
kHz
FSYNC high time pulse 10
tFSYNC
1/fSCLK
(n–1)/fSCLK
s
FSYNC setup time before SCLK rising edge
tSETUP1
15
—
ns
SCLK frequency
fSCLK
(See Table 4-3)MHz
SCLK duty cycle
—
45
55
%
SDOUT delay time after SCLK rising edge
SHIFT_LEFT = 0
tCLK-Q1
—25
ns
SDOUT delay time after SCLK rising edge 6
SHIFT_LEFT = 1
tCLK-Q2
—45
ns
SDOUT hold time of LSB before transition to Hi-Z
SHIFT_LEFT = 0 [7]
tHOLD2
10
30
ns
SHIFT_LEFT = 1 [8]
tHOLD2
10
40
ns
//
//
//
//
//
SLOT0:MSB
FSYNC (programmable
pulse width)
SCLK (SCLK_INV = 0)
SDOUT (SHIFT_LEFT = 0)
//
//
//
//
//
//
tsetup1
tFsync
tCLK-Q1
SLOT0:MSB -1
//
//
//
SLOT0:MSB
SDOUT (SHIFT_LEFT = 1)
//
//
tCLK-Q1
SLOT0:MSB -1
//
//
SLOT0:MSB -2
//
//
SCLK (SCLK_INV = 1)
//
//
//
//
//
SLOTx:LSB+1
SCLK
Device 0: SDOUT
tHOLD2
SLOTx:LSB
SLOTx:MSB
Device 1: SDOUT
SLOTx:MSB -1
SLOTx:MSB -2
Output Not Driven (Hi-Z)
Output Not Driven (Hi-Z)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com