Electronic Components Datasheet Search
  English  ▼

X  

CS53L30 Datasheet(PDF) 57 Page - Cirrus Logic

Part # CS53L30
Description  Low-Power Quad-Channel Microphone ADC with TDM Output
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L30 Datasheet(HTML) 57 Page - Cirrus Logic

Back Button CS53L30 Datasheet HTML 53Page - Cirrus Logic CS53L30 Datasheet HTML 54Page - Cirrus Logic CS53L30 Datasheet HTML 55Page - Cirrus Logic CS53L30 Datasheet HTML 56Page - Cirrus Logic CS53L30 Datasheet HTML 57Page - Cirrus Logic CS53L30 Datasheet HTML 58Page - Cirrus Logic CS53L30 Datasheet HTML 59Page - Cirrus Logic CS53L30 Datasheet HTML 60Page - Cirrus Logic CS53L30 Datasheet HTML 61Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 67 page
background image
DS992F2
57
CS53L30
7.35 Device Interrupt Mask
7.35 Device Interrupt Mask
Address 0x35
R/W
7
654
32
10
M_PDN_DONE M_THMS_TRIP
M_SYNC_
DONE
M_ADC2B_
OVFL
M_ADC2A_
OVFL
M_ADC1B_
OVFL
M_ADC1A_
OVFL
M_MUTE_PIN
Default
1
111
11
11
Interrupt mask register bits serve as a mask for the interrupt sources in the interrupt status registers. Interrupts are described in Section 4.3.
Registers at addresses 0x35 and 0x36 must not be part of a control-port autoincremented read and must be read individually. See Section 4.14.
Bits
Name
Description
7
M_PDN_DONE PDN_DONE mask
0 Unmasked
1 (Default) Masked
6
M_THMS_TRIP THMS_TRIP mask
0 Unmasked
1 (Default) Masked
5
M_SYNC_DONE SYNC_DONE mask
0 Unmasked
1 (Default) Masked
4:1 M_ADCxy_OVFL DMICx/ADCx_OVFL mask.
0 Unmasked
1 (Default) Masked
0
M_MUTE_PIN
MUTE_PIN mask
0 Unmasked
1 (Default) Masked
7.36 Device Interrupt Status
Address 0x36
R/O
7
654
32
10
PDN_DONE
THMS_TRIP
SYNC_DONE ADC2B_OVFL ADC2A_OVFL ADC1B_OVFL ADC1A_OVFL
MUTE_PIN
Default
x
xxx
xx
xx
Interrupt status bits are read only and sticky. Interrupts are described in Section 4.3. Registers at addresses 0x35 and 0x36 must not be part
of a control-port autoincremented read and must be read only individually. See Section 4.14.
Bits
Name
Description
7
PDN_
DONE
Power down done. Indicates when the device has powered down and MCLK can be stopped.
0 Not completely powered down
1 Powered down as a result of PDN_ULP having been set
6THMS_
TRIP
Thermal sensor trip. If thermal sensing is enabled, this bit indicates whether the current junction temperature has exceeded
the safe operating limits. See Section 4.11.
0 Junction temperature is within safe operating limits.
1 Junction temperature has exceeded safe operating limits.
5SYNC_
DONE
Multichip synchronization sequence done. Indicates that the device has received and confirmed the synchronization protocol.
0 SYNC protocol has not been received.
1 SYNC protocol has been received and confirmed.
4:1 ADCxy_
OVFL
Indicates the overrange status in the corresponding signal path. Rising-edge state transitions may cause an interrupt,
depending on the programming of the associated interrupt mask bit.
0 No digital clipping has occurred in the data path of the indicated digital ADC
1 Digital clipping has occurred in the data path of the indicated digital ADC
0MUTE_
PIN
MUTE pin asserted. Indicates that the MUTE pin has been asserted.
0 MUTE pin not asserted
1 MUTE pin asserted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com