Electronic Components Datasheet Search
  English  ▼

X  

CS43130 Datasheet(PDF) 66 Page - Cirrus Logic

Part # CS43130
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43130 Datasheet(HTML) 66 Page - Cirrus Logic

Back Button CS43130 Datasheet HTML 62Page - Cirrus Logic CS43130 Datasheet HTML 63Page - Cirrus Logic CS43130 Datasheet HTML 64Page - Cirrus Logic CS43130 Datasheet HTML 65Page - Cirrus Logic CS43130 Datasheet HTML 66Page - Cirrus Logic CS43130 Datasheet HTML 67Page - Cirrus Logic CS43130 Datasheet HTML 68Page - Cirrus Logic CS43130 Datasheet HTML 69Page - Cirrus Logic CS43130 Datasheet HTML 70Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 137 page
background image
66
DS1073F1
CS43130
5.10 Example Sequences
5.10.2 Power-Up Sequence to DSD Playback
In Ex. 5-12, a 22.5792-MHz crystal is used, the PLL is used to create a 24.576-MHz MCLK, XSP is set as DSD slave at
2.8224 MHz, and full-scale output is 1.732 Vrms.
28 Configure Headphone
detect
HP Detect. 0xD0000
0x04
HPDETECT_CTRL
HPDETECT_INV
HPDETECT_RISE_DBC_TIME
HPDETECT_FALL_DBC_TIME
Reserved
00
0
0 0
10
0
HP detect disabled
HP detect input is not inverted
Tip sense rising debounce time set to 0 ms
Tip sense falling debounce time set to 500 ms
29 Headphone detect
HP Detect. 0xD0000
0xC4
HPDETECT_CTRL
HPDETECT_INV
HPDETECT_RISE_DBC_TIME
HPDETECT_FALL_DBC_TIME
Reserved
11
0
0 0
10
0
HP detect enabled
HP detect input is not inverted
Tip sense rising debounce time set to 0 ms
Tip sense falling debounce time set to 500 ms
30 Enable interrupts
31 Read Interrupt Status 1 register (0xF0000) and Interrupt Status 2 register (0xF0001) to clear sticky bits.
32 Enable headphone detect
interrupts
Interrupt Mask 1. 0xF0010
0x87
DAC_OVFL_INT_MASK
HPDETECT_PLUG_INT_MASK
HPDETECT_UNPLUG_INT_MASK
XTAL_READY_INT_MASK
XTAL_ERROR_INT_MASK
PLL_READY_INT_MASK
PLL_ERROR_INT_MASK
PDN_DONE_INT_MASK
1
0
0
0
0
1
1
1
Enable HPDETECT_PLUG interrupt
Enable HPDETECT_UNPLUG interrupt
33 Enable ASP interrupts
Interrupt Mask 2. 0xF0011
0x07
ASP_OVFL_INT_MASK
ASP_ERROR_INT_MASK
ASP_LATE_INT_MASK
ASP_EARLY_INT_MASK
ASP_NOLRCK_INT_MASK
Reserved
0
0
0
0
0
111
Enable ASP_OVFL interrupt
Enable ASP_ERROR interrupt
Enable ASP_LATE interrupt
Enable ASP_EARLY interrupt
Enable ASP_NOLRCK interrupt
34 Wait for interrupt. Check if XTAL_READY_INT = 1 in Interrupt Status 1 register (0xF0000).
35 Switch MCLK source to
XTAL
System Clocking Control 1. 0x10006
0x04
Reserved
MCLK_INT
MCLK_SRC_SEL
0000 0
1
00
MCLK Source set to XTAL. MCLK_INT frequency set to
22.5792 MHz
36 Wait at least 150 µs.
37 Enable ASP clocks
Pad Interface Configuration. 0x1000D
0x02
Reserved
XSP_3ST
ASP_3ST
0000 00
1
0
XSP Interface status is don't care (set to default)
Enable serial clocks in Master Mode
38 Power up HP
Refer to Ex. 5-9 for PCM power-up sequence. Skip Step 1 of Ex. 5-9 (completed in Step 8 above).
Example 5-12. Startup to DSD Playback
STEP
TASK
REGISTER/BIT FIELDS
VALUE
DESCRIPTION
1
Apply all relevant power supplies, then assert RESET.
2
Wait for 1.5 ms
3
Configure XTAL driver
4
Configure XTAL bias current
strength (assuming River Crystal
at 22.5792 MHz)
Crystal Setting. 0x20052
0x04
Reserved
XTAL_IBIAS
0000 0
100
Bias current set to 12.5 µA
5
Read Interrupt Status 1 register (0xF0000) to clear any pending interrupts.
6
Enable XTAL interrupts
Interrupt Mask 1. 0xF0010
0xE7
DAC_OVFL_INT_MASK
HPDETECT_PLUG_INT_MASK
HPDETECT_UNPLUG_INT_MASK
XTAL_READY_INT_MASK
XTAL_ERROR_INT_MASK
PLL_READY_INT_MASK
PLL_ERROR_INT_MASK
PDN_DONE_INT_MASK
1
1
1
0
0
1
1
1
Enable XTAL_READY interrupt
Enable XTAL_ERROR interrupt
Example 5-11. Startup to I2S Playback (Cont.)
STEP
TASK
REGISTER/BIT FIELDS
VALUE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com