Electronic Components Datasheet Search
  English  ▼

X  

CS43130 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS43130
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43130 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS43130 Datasheet HTML 23Page - Cirrus Logic CS43130 Datasheet HTML 24Page - Cirrus Logic CS43130 Datasheet HTML 25Page - Cirrus Logic CS43130 Datasheet HTML 26Page - Cirrus Logic CS43130 Datasheet HTML 27Page - Cirrus Logic CS43130 Datasheet HTML 28Page - Cirrus Logic CS43130 Datasheet HTML 29Page - Cirrus Logic CS43130 Datasheet HTML 30Page - Cirrus Logic CS43130 Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 137 page
background image
DS1073F1
27
CS43130
4.2 Analog Outputs
4.2 Analog Outputs
The CS43130 provides an analog output that is derived from the digital audio input ports. This section describes the
general flow of the analog outputs.
4.2.1
Analog Output Signal Flow
The CS43130 signal flow is shown in Fig. 4-1.
Figure 4-1. Analog Output Signal Flow
The CS43130 has 4 settings of full scale voltage, which are determined by OUT_FS[1:0]. The proper full scale voltage
must be set first, and the digital volume settings is used to control signal levels.
The CS43130 digital volume control allows independent control of the signal level in 1/2 dB increments from 0 dB
(0b0000 0000) to –127 dB (0b1111 1110) by using x_VOLUME_y (where "x" is either PCM or DSD; "y" is either A or B)
register. When the x_VOL_BEQA bit is set, both volumes can be changed simultaneously using x_VOLUME_A). The
volume changes are implemented as dictated by PCM_SZC[1:0] and DSD_SZC in the signal control register (see
Section 7.4.3 and Section 7.5.5). If soft ramping is enabled, gain and attenuation changes are carried out by incrementally
changing the volume level in 1/8-dB steps, from the previous level to the new level. For PCM, when PCM_SZC[1:0] = 2,
the volume level changes at an approximate rate of 1 dB/ms. For DSD, when DSD_SZC = 1, the volume level also
changes at an approximate rate of 1 dB/ms during power up or when coming out of a mute state (DSD_MUTE_x = 1). Note
that when recovering from an error state caused by static DSD data (DSD_STUCK_INT = 1), the volume output will
resume at the level specified in DSD_VOLUME_x registers. Both channels can be inverted by setting the INV_A and INV_
B bits.
The CS43130 provides individual ramp-up control option (from the global soft ramp settings) for a specific scenario. The
PCM_RAMP_DOWN bit is for the scenario when the interpolation filter switches during PCM playback. Refer to the
register description for setting details.
The CS43130 can mute both channels simultaneously or independently. Also, it can auto-mute on both PCM stream and
DSD stream when mute pattern is identified (defined in PCM_AMUTE and DSD_AMUTE). Additional signal and mute
control options can be found in Section 7.4.3 and Section 7.5.5.
The CS43130 has an independent set of controls for the DSD processor path as shown in Fig. 4-1. The DSD processor
also offers the control bit SIGCTL_DSDEQPCM, which maps the PCM_x setting to DSD_x setting, once enabled. As a
result, some of the DSD_x register settings are ignored. The registers affected are DSD_VOL_BEQA, DSD_SZC, DSD_
Multibit

Modulator
Multibit

Modulator
Interpolation
Filter &
Volume
Control
Interpolation
Filter &
Volume
Control
DAC and
Filter
DAC and
Filter
–
+
–
+
HPINB
HPINA
HPOUTA
HPOUTB
DSD
Processor
DoP to
DSD
Engine
Audio
Source
I
2S
HPREFB
HPREFA
DoP
DSD
HP_IN_EN p. 109
HP_IN_EN p. 109
PDN_HP p. 97
DSD_EN p. 108
MIX_PCM_PREP p. 108
MIX_PCM_DSD p. 108
PCM_SZC p. 111
PCM_RAMP_DOWN p. 111
PCM_VOLUME_B p. 110
PCM_VOLUME_A p. 110
PCM_INV_A p. 111
PCM_INV_B p. 111
PCM_VOL_BEQA p. 111
PCM_AMUTE p. 111
PCM_AMUTEBEQA p. 111
PCM_MUTE_A p. 111
PCM_MUTE_B p. 111
FILTER_SLOW_FASTB
p. 110
PHCOMP_LOWLATB p. 110
HIGH_PASS p. 110
DEEMP_ON p. 110
NOS p. 110
DAC_OVFL_INT
p. 115
DSD_PRC_SRC p. 108
DSD_SPEED p. 108
STA_DSD_DET p. 108
INV_DSD_DET p. 108
DSD_VOLUME_B p. 106
DSD_VOLUME_A p. 107
DSD_INV_A p. 109
DSD_INV_B p. 109
DSD_VOL_BEQA p. 107
DSD_AMUTE p. 107
DSD_MUTE_A p. 107
OUT_FS p. 109
PDN_HP p. 97
DSD_MUTE_B p. 107
DSD_ZERODB p. 108
DSD_HPF_EN p. 109
OUT_FS p. 109
DSD_SZC p. 107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com