Electronic Components Datasheet Search
  English  ▼

X  

CS43130 Datasheet(PDF) 71 Page - Cirrus Logic

Part # CS43130
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43130 Datasheet(HTML) 71 Page - Cirrus Logic

Back Button CS43130 Datasheet HTML 67Page - Cirrus Logic CS43130 Datasheet HTML 68Page - Cirrus Logic CS43130 Datasheet HTML 69Page - Cirrus Logic CS43130 Datasheet HTML 70Page - Cirrus Logic CS43130 Datasheet HTML 71Page - Cirrus Logic CS43130 Datasheet HTML 72Page - Cirrus Logic CS43130 Datasheet HTML 73Page - Cirrus Logic CS43130 Datasheet HTML 74Page - Cirrus Logic CS43130 Datasheet HTML 75Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 137 page
background image
DS1073F1
71
CS43130
5.10 Example Sequences
31 Configure DSD interface
DSD Interface Configuration.
0x70003
0x04
Reserved
DSD_M/SB
DSD_PM_EN
DSD_PM_SEL
0000 0
1
0
0
DSD is clock master
Function is disabled
Function is disabled
32 Configure DSD Path Signal Control 2
DSD Processor Path Signal Control 2.
0x70004
0x50
Reserved
DSD_PRC_SRC
DSD_EN
Reserved
DSD_SPEED
STA_DSD_DET
INV_DSD_DET
0
10
1
0
0
0
0
Set source of DSD processor to ASP
Enable DSD playback
Set DSD clock speed to 64•Fs
Static DSD detection disabled
Invalid DSD detection disabled
33 Configure DSD path Signal Control 3
DSD Processor Path Signal Control 3.
0x70006
0xC0
DSD_ZERODB
DSD_HPF_EN
Reserved
SIGCTL_DSDEQPCM
DSD_INV_A
DSD_INV_B
DSD_SWAP_CHAN
DSD_COPY_CHAN
1
1
0
0
0
0
0
0
The SACD 0–dB reference level (50%modulation
index) matches PCM 0-dB full scale.
Enable HPF in DSD processor
Function is disabled
Function is disabled
Function is disabled
Function is disabled
Function is disabled
34 Configure headphone output for 1.732 V rms
35 Configure Class H amplifier
Class H Control. 0xB0000
0x1E
Reserved
ADPT_PWR
HV_EN
EXT_VCPFILT
000
1 11
1
0
Output signal determines voltage level
High voltage mode enabled
Using internal VCPFILT source.
36 Set HP output to full scale
HP Output Control 1. 0x80000
0x30
HP_CLAMPA
HP_CLAMPB
OUT_FS
HP_IN_EN
Reserved
0
0
11
0
000
Set headphone output to full scale (1.732 V rms)
37 Headphone detect
HP Detect. 0xD0000
0xC4
HPDETECT_CTRL
HPDETECT_INV
HPDETECT_RISE_DBC_TIME
HPDETECT_FALL_DBC_TIME
Reserved
11
0
0 0
10
0
HP detect enabled
HP detect input is not inverted
Tip Sense rising debounce time set to 0 ms
Tip sense falling debounce time set to 500 ms
38 Enable interrupts
39 Read Interrupt Status 1 register (0xF0000), Interrupt Status 2 register (0xF0001) and Interrupt Status 5 register (0xF0004) to clear sticky bits.
40 Enable headphone detect interrupts
Interrupt Mask 1. 0xF0010
0x99
DAC_OVFL_INT_MASK
HPDETECT_PLUG_INT_MASK
HPDETECT_UNPLUG_INT_MASK
XTAL_READY_INT_MASK
XTAL_ERROR_INT_MASK
PLL_READY_INT_MASK
PLL_ERROR_INT_MASK
PDN_DONE_INT_MASK
1
0
0
1
1
0
0
1
DAC_OVFL_INT is don't care
Enable HPDETECT_PLUG interrupt
Enable HPDETECT_UNPLUG interrupt
XTAL_READY_INT is don't care
XTAL_ERROR_INT is don't care
PLL_READY interrupt already enabled
PLL_ERROR interrupt already enabled
PDN_DONE_INT is don't care
41 Enable ASP interrupts
Interrupt Mask 2. 0xF0011
0x07
ASP_OVFL_INT_MASK
ASP_ERROR_INT_MASK
ASP_LATE_INT_MASK
ASP_EARLY_INT_MASK
ASP_NOLRCK_INT_MASK
Reserved
0
0
0
0
0
111
Enable ASP_OVFL interrupt
Enable ASP_ERROR interrupt
Enable ASP_LATE interrupt
Enable ASP_EARLY interrupt
Enable ASP_NOLRCK interrupt
42 Enable DSD and DoP interrupts
Interrupt Mask 5. 0xF0014
0x01
DSD_STUCK_INT_MASK
DSD_INVAL_A_INT_MASK
DSD_INVAL_B_INT_MASK
DSD_SILENCE_A_INT_MASK
DSD_SILENCE_B_INT_MASK
DSD_RATE_ERROR_INT_MASK
DOP_MRK_DET_INT_MASK
DOP_ON_INT_MASK
0
0
0
0
0
0
0
1
Enable DSD_STUCK interrupt
Enable DSD_INVAL_A interrupt
Enable DSD_INVAL_B interrupt
Enable DSD_SILENCE_A interrupt
Enable DSD_SILENCE_B interrupt
Enable DSD_RATE_ERROR interrupt
Enable DOP_MRK_DET interrupt
Disable DOP_ON interrupt
43 Wait for interrupt. Check if PLL_READY_INT = 1 in Interrupt Status 1 register(0xF0000).
Example 5-13. DoP Playback with PLL (Cont.)
STEP
TASK
REGISTER/BIT FIELDS
VALUE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com