Electronic Components Datasheet Search
  English  ▼

X  

CS43130 Datasheet(PDF) 93 Page - Cirrus Logic

Part # CS43130
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43130 Datasheet(HTML) 93 Page - Cirrus Logic

Back Button CS43130 Datasheet HTML 89Page - Cirrus Logic CS43130 Datasheet HTML 90Page - Cirrus Logic CS43130 Datasheet HTML 91Page - Cirrus Logic CS43130 Datasheet HTML 92Page - Cirrus Logic CS43130 Datasheet HTML 93Page - Cirrus Logic CS43130 Datasheet HTML 94Page - Cirrus Logic CS43130 Datasheet HTML 95Page - Cirrus Logic CS43130 Datasheet HTML 96Page - Cirrus Logic CS43130 Datasheet HTML 97Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 137 page
background image
DS1073F1
93
CS43130
6 Register Quick Reference
0x06 0000 XSP Channel 1
Location
XSP_RX_CH1
p. 106
0
000000
0
0x06 0001 XSP Channel 2
Location
XSP_RX_CH2
p. 106
0
000000
0
0x06 0002–
0x06 0009
Reserved
—
0
000000
0
0x06 000A XSP Channel 1 Size
and Enable
—
XSP_RX_
CH1_AP
XSP_RX_
CH1_EN
XSP_RX_CH1_RES
p. 106
0
000011
0
0x06 000B XSP Channel 2 Size
and Enable
—
XSP_RX_
CH2_AP
XSP_RX_
CH2_EN
XSP_RX_CH2_RES
p. 106
0
000111
0
0x06 000C–
0x06 FFFF
Reserved
—
0
000000
0
0x07 0000 DSD Volume B
DSD_VOLUME_B
p. 106
0
111100
0
0x07 0001 DSD Volume A
DSD_VOLUME_A
p. 107
0
111100
0
0x07 0002 DSD Processor Path
Signal Control 1
—DSD_VOL_
BEQA
DSD_SZC
—
DSD_AMUTE DSD_AMUTE_
BEQA
DSD_MUTE_A DSD_MUTE_B
p. 107
1
010100
0
0x07 0003 DSD Interface
Configuration
—
DSD_M_SB
DSD_PM_EN DSD_PM_SEL
p. 107
0
000000
0
0x07 0004 DSD Processor Path
Signal Control 2
—
DSD_PRC_SRC
DSD_EN
—
DSD_SPEED
STA_DSD_
DET
INV_DSD_
DET
p. 108
0
000001
0
0x07 0005 DSD and PCM Mixing
Control
—MIX_PCM_
PREP
MIX_PCM_
DSD
p. 108
0
000000
0
0x07 0006 DSD Processor Path
Signal Control 3
DSD_ZERODB DSD_HPF_EN
—
SIGCTL_
DSDEQPCM
DSD_INV_A
DSD_INV_B
DSD_SWAP_
CHAN
DSD_COPY_
CHAN
p. 108
0
100000
0
0x07 0007–
0x07 FFFF
Reserved
—
0
000000
0
0x08 0000 HP Output Control 1
HP_CLAMPA
HP_CLAMPB
OUT_FS
HP_IN_EN
—
p. 109
0
011000
0
0x08 0001–
0x08 FFFF
Reserved
—
0
000000
0
0x09 0000 PCM Filter Option
FILTER_
SLOW_FASTB
PHCOMP_
LOWLATB
NOS
—
HIGH_PASS
DEEMP_ON
p. 110
0
000001
0
0x09 0001 PCM Volume B
PCM_VOLUME_B
p. 110
0
111100
0
0x09 0002 PCM Volume A
PCM_VOLUME_A
p. 110
0
111100
0
0x09 0003 PCM Path Signal
Control 1
PCM_RAMP_
DOWN
PCM_VOL_
BEQA
PCM_SZC
PCM_AMUTE
PCM_
AMUTEBEQA
PCM_MUTE_A PCM_MUTE_B
p. 111
1
010100
0
0x09 0004 PCM Path Signal
Control 2
—
PCM_INV_A
PCM_INV_B
PCM_SWAP_
CHAN
PCM_COPY_
CHAN
p. 111
0
000000
0
0x09 0005–
0x0A FFFF
Reserved
—
0
000000
0
0x0B 0000 Class H Control
—
ADPT_PWR
HV_EN
EXT_VCPFILT
p. 112
0
001111
0
0x0B 0001–
0x0C FFFF
Reserved
—
0
000000
0
0x0D 0000 HP Detect
HPDETECT_CTRL
HPDETECT_
INV
HPDETECT_RISE_DBC_TIME HPDETECT_FALL_DBC_TIME
—
p. 112
0
000010
0
0x0D 0001 HP Status (Read Only)
—
HPDETECT_
PLUG_DBC
HPDETECT_
UNPLUG_DBC
—
p. 112
0
000000
0
0x0D 0002–
0x0D FFFF
Reserved
—
0
000000
0
Table 6-1. Register Quick Reference (Cont.)
Address
Function
7
654321
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com