Electronic Components Datasheet Search
  English  ▼

X  

CS43130 Datasheet(PDF) 122 Page - Cirrus Logic

Part # CS43130
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43130 Datasheet(HTML) 122 Page - Cirrus Logic

Back Button CS43130 Datasheet HTML 118Page - Cirrus Logic CS43130 Datasheet HTML 119Page - Cirrus Logic CS43130 Datasheet HTML 120Page - Cirrus Logic CS43130 Datasheet HTML 121Page - Cirrus Logic CS43130 Datasheet HTML 122Page - Cirrus Logic CS43130 Datasheet HTML 123Page - Cirrus Logic CS43130 Datasheet HTML 124Page - Cirrus Logic CS43130 Datasheet HTML 125Page - Cirrus Logic CS43130 Datasheet HTML 126Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 137 page
background image
122
DS1073F1
CS43130
9 Performance Plots
9 Performance Plots
9.1 Digital Filter Response
9.1.1
Combined Filter Response—Single Speed (Fs = 32 kHz, Slow Roll-Off)
Figure 9-1. Passband Ripple
Figure 9-2. Stopband Attenuation
Figure 9-3. Impulse Response—Linear Phase
Figure 9-4. Impulse Response—Minimum Phase
Figure 9-5. Step Response—Linear Phase
Figure 9-6. Step Response—Minimum Phase
0
0.05
0.1 0.15
0.2 0.25
0.3 0.35
0.4 0.45
0.5
−0.02
−0.015
−0.01
−0.005
0
0.005
0.01
0.015
0.02
Frequency (Normalized to Fs)
0.4
0.5
0.6
0.7
0.8
0.9
1
−180
−160
−140
−120
−100
−80
−60
−40
−20
0
Frequency (Normalized to Fs)
0
500
1000
1500
2000
2500
3000
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
1.2
Time (
µs)
0
500
1000
1500
2000
2500
3000
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
1.2
Time (
µs)
0
500
1000
1500
2000
2500
3000
0
0.2
0.4
0.6
0.8
1
1.2
Time (
µs)
0
500
1000
1500
2000
2500
3000
0
0.2
0.4
0.6
0.8
1
1.2
Time (
µs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com