Electronic Components Datasheet Search
  English  ▼

X  

CRS02 Datasheet(PDF) 23 Page - Seiko Instruments Inc

Part # CRS02
Description  STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM / PFM SWITCHABLE SWITCHING REGULATOR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

CRS02 Datasheet(HTML) 23 Page - Seiko Instruments Inc

Back Button CRS02 Datasheet HTML 19Page - Seiko Instruments Inc CRS02 Datasheet HTML 20Page - Seiko Instruments Inc CRS02 Datasheet HTML 21Page - Seiko Instruments Inc CRS02 Datasheet HTML 22Page - Seiko Instruments Inc CRS02 Datasheet HTML 23Page - Seiko Instruments Inc CRS02 Datasheet HTML 24Page - Seiko Instruments Inc CRS02 Datasheet HTML 25Page - Seiko Instruments Inc CRS02 Datasheet HTML 26Page - Seiko Instruments Inc CRS02 Datasheet HTML 27Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM/PFM SWITCHABLE SWITCHING REGULATOR
Rev.2.0_01
S-8363 Series
23
2. A power supply started by 0.9 V
Following shows a power supply example which starts up by using the final voltage (0.9 V) of dry cells and its
characteristics.
L
S-8363
Series
VDD
VSS
ON/OFF
FB
COUT
RFB1
RFB2
CFB
VOUT
CIN
SD
CONT
VOUT
0.1
μF
Figure 19 Circuit Example (For a power supply started by 0.9 V)
Table 13 External Parts Examples (For a power supply started by 0.9 V)
Condition
Output
Voltage
IC Product
Name
L Product
Name
SD Product
Name
COUT Product Name
RFB1
RFB2
CFB
1
3.3 V
S-8363B
VLF302510
RB161M-20TR
LMK212BJ106KD
68 k
Ω
15 k
Ω
47 pF
2
3.3 V
S-8363B
VLF302510
RB051LA-40TR
LMK212BJ106KD
68 k
Ω
15 k
Ω
47 pF
3
3.3 V
S-8363B
VLF302510
RB070M-30TR
LMK212BJ106KD
68 k
Ω
15 k
Ω
47 pF
4
3.3 V
S-8363B
VLF302510
RB161SS-20T2R
LMK212BJ106KD
68 k
Ω
15 k
Ω
47 pF
5
3.3 V
S-8363B
VLF302510
CRS02
LMK212BJ106KD
68 k
Ω
15 k
Ω
47 pF
6
3.3 V
S-8363B
VLF302510
CRS08
LMK212BJ106KD
68 k
Ω
15 k
Ω
47 pF
Caution
The above connection will not guarantee successful operation. Perform thorough evaluation using an
actual application to set the constant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com