Electronic Components Datasheet Search
  English  ▼

X  

CRS02 Datasheet(PDF) 12 Page - Seiko Instruments Inc

Part # CRS02
Description  STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM / PFM SWITCHABLE SWITCHING REGULATOR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

CRS02 Datasheet(HTML) 12 Page - Seiko Instruments Inc

Back Button CRS02 Datasheet HTML 8Page - Seiko Instruments Inc CRS02 Datasheet HTML 9Page - Seiko Instruments Inc CRS02 Datasheet HTML 10Page - Seiko Instruments Inc CRS02 Datasheet HTML 11Page - Seiko Instruments Inc CRS02 Datasheet HTML 12Page - Seiko Instruments Inc CRS02 Datasheet HTML 13Page - Seiko Instruments Inc CRS02 Datasheet HTML 14Page - Seiko Instruments Inc CRS02 Datasheet HTML 15Page - Seiko Instruments Inc CRS02 Datasheet HTML 16Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 50 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM/PFM SWITCHABLE SWITCHING REGULATOR
S-8363 Series
Rev.2.0_01
12
3. 2 VOUT voltage at start-up
< STU release voltage
After
OFF
/
ON
=“H”, step-up starts by the start-up operation. When the VOUT voltage reaches the STU release
voltage, the soft-start starts.
Since the length of the start-up period largely varies depending on the input voltage, load current, external parts
and ambient temperature, the soft-start time varies according to them. Perform sufficient evaluation with actual
application.
Reference voltage
from
error amplifier
Soft-start time (tss)
Time [s]
0 V
0 V
VOUT
× 0.90
0 V
Output voltage
(VOUT)
Input voltage
(VIN)
Soft-start period
ON/OFF
voltage
Start-up period
STU release
0 V
Figure 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com