Electronic Components Datasheet Search
  English  ▼

X  

CRS02 Datasheet(PDF) 32 Page - Seiko Instruments Inc

Part # CRS02
Description  STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM / PFM SWITCHABLE SWITCHING REGULATOR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

CRS02 Datasheet(HTML) 32 Page - Seiko Instruments Inc

Back Button CRS02 Datasheet HTML 28Page - Seiko Instruments Inc CRS02 Datasheet HTML 29Page - Seiko Instruments Inc CRS02 Datasheet HTML 30Page - Seiko Instruments Inc CRS02 Datasheet HTML 31Page - Seiko Instruments Inc CRS02 Datasheet HTML 32Page - Seiko Instruments Inc CRS02 Datasheet HTML 33Page - Seiko Instruments Inc CRS02 Datasheet HTML 34Page - Seiko Instruments Inc CRS02 Datasheet HTML 35Page - Seiko Instruments Inc CRS02 Datasheet HTML 36Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM/PFM SWITCHABLE SWITCHING REGULATOR
S-8363 Series
Rev.2.0_01
32
(8) Maximum duty ratio (MaxDuty) vs. Temperature (Ta)
(9) Soft-start time (tSS) vs. Temperature (Ta)
Ta [
C]
−40
100
95
90
85
80
75
70
85
75
50
25
0
−25
VOUT = 1.8 V
VOUT = 3.3 V
VOUT = 5.0 V
Ta [
C]
−40
1.6
0.6
1.1
1.3
1.4
0.9
0.7
0.8
1.0
1.2
1.5
85
75
50
25
0
−25
VOUT = 1.8 V
VOUT = 3.3 V
VOUT = 5.0 V
(10) PWM / PFM switching duty ratio (PFMDuty) vs.
Temperature (Ta)
(11) Output current at PWM / PFM switching (IPFM) vs.
Temperature (Ta)
Ta [
C]
−40
25
0
20
15
10
5
85
75
50
25
0
−25
VOUT = 1.8 V, VIN = 1.2 V
VOUT = 3.32 V, VIN = 1.8 V
VOUT = 5.0 V, VIN = 3.0 V
Ta [
C]
−40
30
25
20
15
10
5
0
85
75
50
25
0
−25
VOUT = 5.0 V, VIN = 3.0 V
VOUT = 3.32 V, VIN = 1.8 V
VOUT = 1.8 V, VIN = 1.2 V
(12) Limited current (ILIM) vs.
Temperature (Ta)
(13) Maximum load current (IOUTMAX) vs.
Temperature (Ta)
Ta [
C]
−40
1600
1400
1200
1000
800
600
400
85
75
50
25
0
−25
VOUT = 3.32 V, VIN = 1.8 V
VOUT = 1.8 V, VIN = 1.2 V
VOUT = 5.0 V, VIN = 3.0 V
Ta [
C]
−40
1000
0
500
700
800
300
100
200
400
600
900
85
75
50
25
0
−25
VOUT = 3.32 V, VIN = 1.8 V
VOUT = 1.8 V, VIN = 1.2 V
VOUT = 5.0 V, VIN = 3.0 V
(14) Power MOS FET leakage current (ILSW) vs.
Temperature (Ta)
(15) High level input voltage (VSH) vs.
Temperature (Ta)
Ta [
C]
−40
0.5
−0.5
0.0
0.2
0.3
−0.2
−0.4
−0.3
−0.1
0.1
0.4
85
75
50
25
0
−25
VOUT = 1.8 V
VOUT = 3.3 V
VOUT = 5.0 V
Ta [
C]
−40
0.60
0.55
0.50
0.45
0.40
0.35
0.30
85
75
50
25
0
−25
VIN = 1.8 V
VIN = 0.9 V
VIN = 4.5 V
VIN = 4.2 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com