Electronic Components Datasheet Search
  English  ▼

X  

CRS02 Datasheet(PDF) 41 Page - Seiko Instruments Inc

Part # CRS02
Description  STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM / PFM SWITCHABLE SWITCHING REGULATOR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

CRS02 Datasheet(HTML) 41 Page - Seiko Instruments Inc

Back Button CRS02 Datasheet HTML 37Page - Seiko Instruments Inc CRS02 Datasheet HTML 38Page - Seiko Instruments Inc CRS02 Datasheet HTML 39Page - Seiko Instruments Inc CRS02 Datasheet HTML 40Page - Seiko Instruments Inc CRS02 Datasheet HTML 41Page - Seiko Instruments Inc CRS02 Datasheet HTML 42Page - Seiko Instruments Inc CRS02 Datasheet HTML 43Page - Seiko Instruments Inc CRS02 Datasheet HTML 44Page - Seiko Instruments Inc CRS02 Datasheet HTML 45Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 50 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM/PFM SWITCHABLE SWITCHING REGULATOR
Rev.2.0_01
S-8363 Series
41
3. Output Current (IOUT) vs. Ripple Voltage (Vr) Characteristics
Following shows the actual output current (IOUT) vs. ripple voltage (Vr) characteristics for conditions of 1 to 7 in
Table 15.
Condition 1 S-8363B (VOUT(S) = 1.8 V)
Condition 2 S-8363B (VOUT(S) = 3.3 V)
0.01
1000
50
0
25
35
40
15
5
10
20
30
45
0.1
1
10
100
IOUT [mA]
VIN = 1.5 V
VIN = 1.2 V
VIN = 0.9 V
0.01
1000
50
0
25
35
40
15
5
10
20
30
45
0.1
1
10
100
IOUT [mA]
VIN = 1.8 V
VIN = 2.5 V
VIN = 0.9 V
VIN = 1.2 V
VIN = 3.0 V
Condition 3 S-8363B (VOUT(S) = 5.0 V)
Condition 4 S-8363B (VOUT(S) = 3.3 V)
0.01
1000
50
0
25
35
40
15
5
10
20
30
45
0.1
1
10
100
IOUT [mA]
VIN = 3.0 V
VIN = 2.4 V
VIN = 4.5 V
VIN = 4.2 V
VIN = 1.8 V
0.01
1000
50
0
25
35
40
15
5
10
20
30
45
0.1
1
10
100
IOUT [mA]
VIN = 1.8 V
VIN = 1.2 V
VIN = 3.0 V
VIN = 2.5 V
VIN = 0.9 V
Condition 5 S-8363B (VOUT(S) = 3.3 V)
Condition 6 S-8363B (VOUT(S) = 3.3 V)
0.01
1000
50
0
25
35
40
15
5
10
20
30
45
0.1
1
10
100
IOUT [mA]
VIN = 1.8 V
VIN = 1.2 V
VIN = 3.0 V
VIN = 2.5 V
VIN = 0.9 V
0.01
1000
50
0
25
35
40
15
5
10
20
30
45
0.1
1
10
100
IOUT [mA]
VIN = 1.8 V
VIN = 1.2 V
VIN = 3.0 V
VIN = 2.5 V
VIN = 0.9 V
Condition 7 S-8363B (VOUT(S) = 3.3 V)
0.01
1000
50
0
25
35
40
15
5
10
20
30
45
0.1
1
10
100
IOUT [mA]
VIN = 1.8 V
VIN = 1.2 V
VIN = 3.0 V
VIN = 2.5 V
VIN = 0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com