Electronic Components Datasheet Search
  English  ▼

X  

CRS02 Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # CRS02
Description  STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM / PFM SWITCHABLE SWITCHING REGULATOR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

CRS02 Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button CRS02 Datasheet HTML 7Page - Seiko Instruments Inc CRS02 Datasheet HTML 8Page - Seiko Instruments Inc CRS02 Datasheet HTML 9Page - Seiko Instruments Inc CRS02 Datasheet HTML 10Page - Seiko Instruments Inc CRS02 Datasheet HTML 11Page - Seiko Instruments Inc CRS02 Datasheet HTML 12Page - Seiko Instruments Inc CRS02 Datasheet HTML 13Page - Seiko Instruments Inc CRS02 Datasheet HTML 14Page - Seiko Instruments Inc CRS02 Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM/PFM SWITCHABLE SWITCHING REGULATOR
Rev.2.0_01
S-8363 Series
11
3. Soft-start function
The S-8363 Series has the built-in soft-start circuit. When power-on (connecting
OFF
/
ON
to VIN) or after
start-up at
OFF
/
ON
= “H”, the output voltage (VOUT) gradually rises, suppressing rush current and overshoot of
the output voltage. In the S-8363 Series, the soft-start time (tss) is from start-up to the time to reach 90% of the
VOUT output voltage setting value (VOUT(S)). A reference voltage adjustment method is adopted as the soft-start
method, the reference voltage gradually rises from 0 V simultaneously with start of the soft-start. The soft-start
circuit has two operation modes which is selected according to the VOUT voltage at start-up.
3.1 VOUT voltage at start-up
> STU release voltage
The soft-start starts when the reference voltage gradually rises after
OFF
/
ON
= “H”.
Reference voltage
from
error amplifier
Soft-start time (tss)
Time [s]
0 V
0 V
VOUT
× 0.90
0 V
Output voltage
(VOUT)
Input voltage
(VIN)
Soft-start period
ON/OFF
voltage
STU release
0 V
Figure 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com