Electronic Components Datasheet Search
  English  ▼

X  

CRS02 Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # CRS02
Description  STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM / PFM SWITCHABLE SWITCHING REGULATOR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

CRS02 Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button CRS02 Datasheet HTML 5Page - Seiko Instruments Inc CRS02 Datasheet HTML 6Page - Seiko Instruments Inc CRS02 Datasheet HTML 7Page - Seiko Instruments Inc CRS02 Datasheet HTML 8Page - Seiko Instruments Inc CRS02 Datasheet HTML 9Page - Seiko Instruments Inc CRS02 Datasheet HTML 10Page - Seiko Instruments Inc CRS02 Datasheet HTML 11Page - Seiko Instruments Inc CRS02 Datasheet HTML 12Page - Seiko Instruments Inc CRS02 Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM/PFM SWITCHABLE SWITCHING REGULATOR
Rev.2.0_01
S-8363 Series
9
2. Low voltage start-up
2. 1 Start-up circuit
The S-8363 Series can startup from 0.9 V. When the VOUT voltage at
OFF
/
ON
= “H” does not reach the STU
release voltage, the start-up circuit starts the operation and outputs the fixed duty pulse to the CONT pin. By
this, the VOUT voltage starts step-up. After that, the VOUT voltage reaches the STU release voltage and the STU
mode circuit is set in STU release condition, therefore, the switching control circuit starts stable operation due
to the soft-start function. Simultaneously, the start-up circuit is set in disable condition, so that the S-8363
Series prevents excessive current consumption.
2. 2 Start-up mode (STU mode) circuit
The STU mode circuit monitors the VOUT voltage, and switches the operation modes between start-up period
and normal control period of the switching control circuit. The STU release voltage is internally fixed at 1.4 V
(typ.), and has hysteresis of approx. 0.15 V. When the VOUT voltage decreases to 1.25 V (typ.) from release
condition, the STU mode circuit is set in the STU detection condition, shifting to the start-up period. Several
μs
to several ten
μs is taken to shift from STU release to PWM release. During this the step-up operation is not
performed, therefore, the VOUT voltage may largely decrease depending on the size of load.
During applying
OFF
/
ON
= “L”, the STU mode circuit is set in disable condition, so that the S-8363 Series
prevents excessive current consumption.
CONT
VOUT
MUX
Start-up
Circuit
VIN
VOUT
VIN
STU Mode Circuit
VD
Load
SD
L = 2.2
μH
COUT
10
μF
Switching
Control Circuit
VSS
Figure 8 Start-up Circuit
Time [s]
Switching delay
Output voltage
(VOUT)
Start-up period
CONT voltage
(VCONT)
PWM control period
STU detection
STU release
Figure 9 Start-up Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com