Electronic Components Datasheet Search
  English  ▼

X  

CRS02 Datasheet(PDF) 13 Page - Seiko Instruments Inc

Part # CRS02
Description  STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM / PFM SWITCHABLE SWITCHING REGULATOR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

CRS02 Datasheet(HTML) 13 Page - Seiko Instruments Inc

Back Button CRS02 Datasheet HTML 9Page - Seiko Instruments Inc CRS02 Datasheet HTML 10Page - Seiko Instruments Inc CRS02 Datasheet HTML 11Page - Seiko Instruments Inc CRS02 Datasheet HTML 12Page - Seiko Instruments Inc CRS02 Datasheet HTML 13Page - Seiko Instruments Inc CRS02 Datasheet HTML 14Page - Seiko Instruments Inc CRS02 Datasheet HTML 15Page - Seiko Instruments Inc CRS02 Datasheet HTML 16Page - Seiko Instruments Inc CRS02 Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM/PFM SWITCHABLE SWITCHING REGULATOR
Rev.2.0_01
S-8363 Series
13
3. 3 Condition of performing soft-start again
The condition to reset after the reference voltage once rises (reference voltage from error amplifier = 0 V) is to set
the
OFF
/
ON
pin voltage to “L”. Setting
OFF
/
ON
= “H” starts soft-start again. When the VOUT voltage drops and
decreases more than the STU detection voltage by an overload, the soft-start circuit shifts to the start-up period.
When the VOUT voltage is restored by releasing overload, the soft-start function is performed.
If the VOUT voltage is not decreased less than the STU detection voltage, the soft-start function is not performed
when restoration.
Reference
voltage from
error amplifier
0 V
0 V
Output voltage(VOUT)
ON/OFF
voltage
Time [s]
0 V
STU release
STU detection
<1> Start-up period
<2> Soft-start period
<3> Normal operation period
<4> Reset period
<1>
<1>
<1>
<2>
<2>
<2>
<3>
<3>
<4>
<4>
0 A
Load current
(IOUT)
VOUT(S)
Figure 12 Reset Condition for Soft-Start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com