Electronic Components Datasheet Search
  English  ▼

X  

CRS02 Datasheet(PDF) 33 Page - Seiko Instruments Inc

Part # CRS02
Description  STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM / PFM SWITCHABLE SWITCHING REGULATOR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

CRS02 Datasheet(HTML) 33 Page - Seiko Instruments Inc

Back Button CRS02 Datasheet HTML 29Page - Seiko Instruments Inc CRS02 Datasheet HTML 30Page - Seiko Instruments Inc CRS02 Datasheet HTML 31Page - Seiko Instruments Inc CRS02 Datasheet HTML 32Page - Seiko Instruments Inc CRS02 Datasheet HTML 33Page - Seiko Instruments Inc CRS02 Datasheet HTML 34Page - Seiko Instruments Inc CRS02 Datasheet HTML 35Page - Seiko Instruments Inc CRS02 Datasheet HTML 36Page - Seiko Instruments Inc CRS02 Datasheet HTML 37Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM/PFM SWITCHABLE SWITCHING REGULATOR
Rev.2.0_01
S-8363 Series
33
(16) Low level input voltage (VSL) vs Temperature (Ta)
(17) FB voltage (VFB) vs. Temperature (Ta)
Ta [
C]
−40
0.60
0.55
0.50
0.45
0.40
0.35
0.30
85
75
50
25
0
−25
VIN = 0.9 V
VIN = 1.8 V
VIN = 4.2 V
VIN = 4.5 V
Ta [
C]
−40
0.63
0.62
0.61
0.60
0.59
0.58
0.57
85
75
50
25
0
−25
VOUT = 3.3 V
(18) Operating start voltage (VST) vs.
Temperature (Ta)
(19) Start-up mode release voltage (VSTU+) vs.
Temperature (Ta)
Ta [
C]
−40
1.2
1.0
0.8
0.6
0.4
0.2
0.0
85
75
50
25
0
−25
IOUT = 10 mA
IOUT = 1 mA
IOUT = 0.1 mA
Ta [
C]
−40
1.6
1.1
1.5
1.4
1.3
1.2
85
75
50
25
0
−25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com