Electronic Components Datasheet Search
  English  ▼

X  

CRS02 Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # CRS02
Description  STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM / PFM SWITCHABLE SWITCHING REGULATOR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

CRS02 Datasheet(HTML) 4 Page - Seiko Instruments Inc

  CRS02 Datasheet HTML 1Page - Seiko Instruments Inc CRS02 Datasheet HTML 2Page - Seiko Instruments Inc CRS02 Datasheet HTML 3Page - Seiko Instruments Inc CRS02 Datasheet HTML 4Page - Seiko Instruments Inc CRS02 Datasheet HTML 5Page - Seiko Instruments Inc CRS02 Datasheet HTML 6Page - Seiko Instruments Inc CRS02 Datasheet HTML 7Page - Seiko Instruments Inc CRS02 Datasheet HTML 8Page - Seiko Instruments Inc CRS02 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM/PFM SWITCHABLE SWITCHING REGULATOR
S-8363 Series
Rev.2.0_01
4
Pin Configurations
SNT-6A
Top view
1
2
3
4
6
5
Table 2 SNT-6A
Pin No.
Symbol
Description
1
FB
Output voltage feedback pin
2
VSS
GND pin
3
CONT
External inductor connection pin
4
VIN
IC power supply pin
5
VOUT
Output voltage pin
Figure 2
6
OFF
/
ON
Power-off pin
“H” : Power-on (normal operation)
“L” : Power-off (standby)
6
4
1
3
2
SOT-23-6
Top view
5
Table 3 SOT-23-6
Pin No.
Symbol
Description
1
OFF
/
ON
Power-off pin
“H” : Power-on (normal operation)
“L” : Power-off (standby)
2
VOUT
Output voltage pin
3
VIN
IC power supply pin
4
CONT
External inductor connection pin
5
VSS
GND pin
6
FB
Output voltage feedback pin
Figure 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com