Electronic Components Datasheet Search
  English  ▼

X  

CRS02 Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # CRS02
Description  STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM / PFM SWITCHABLE SWITCHING REGULATOR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

CRS02 Datasheet(HTML) 3 Page - Seiko Instruments Inc

  CRS02 Datasheet HTML 1Page - Seiko Instruments Inc CRS02 Datasheet HTML 2Page - Seiko Instruments Inc CRS02 Datasheet HTML 3Page - Seiko Instruments Inc CRS02 Datasheet HTML 4Page - Seiko Instruments Inc CRS02 Datasheet HTML 5Page - Seiko Instruments Inc CRS02 Datasheet HTML 6Page - Seiko Instruments Inc CRS02 Datasheet HTML 7Page - Seiko Instruments Inc CRS02 Datasheet HTML 8Page - Seiko Instruments Inc CRS02 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM/PFM SWITCHABLE SWITCHING REGULATOR
Rev.2.0_01
S-8363 Series
3
Product Name Structure
Users can select the packages for the S-8363 Series. Refer to “1. Product name” regarding the contents of product
name, “2. Package” regarding the package drawings and “3. Product list” regarding the product type.
1. Product name
S-8363B - xxxx U 2
Environmental code
U: Lead-free (Sn 100%), halogen-free
Package name (abbreviation) and IC packing specification
*1
I6T1: SNT-6A, Tape
M6T1: SOT-23-6, Tape
*1. Refer to the tape specification.
2. Package
Package name
Drawing code
Package
Tape
Reel
Land
SNT-6A
PG006-A-P-SD
PG006-A-C-SD
PG006-A-R-SD
PG006-A-L-SD
SOT-23-6
MP006-A-P-SD
MP006-A-C-SD
MP006-A-R-SD
−
3. Product list
Table 1
SNT-6A
SOT-23-6
S-8363B-I6T1U2
S-8363B-M6T1U2
Remark Please select products of environmental code = U for Sn 100%, halogen-free products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com