Electronic Components Datasheet Search
  English  ▼

X  

S8540 Datasheet(PDF) 18 Page - Seiko Instruments Inc

Part # S8540
Description  STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8540 Datasheet(HTML) 18 Page - Seiko Instruments Inc

Back Button S8540 Datasheet HTML 14Page - Seiko Instruments Inc S8540 Datasheet HTML 15Page - Seiko Instruments Inc S8540 Datasheet HTML 16Page - Seiko Instruments Inc S8540 Datasheet HTML 17Page - Seiko Instruments Inc S8540 Datasheet HTML 18Page - Seiko Instruments Inc S8540 Datasheet HTML 19Page - Seiko Instruments Inc S8540 Datasheet HTML 20Page - Seiko Instruments Inc S8540 Datasheet HTML 21Page - Seiko Instruments Inc S8540 Datasheet HTML 22Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8540/8541 Series
Rev.4.0_01
18
Standard Circuits
1. Fixed output voltage (Pch MOS FET)
+
−
−
+
−
+
L
SD
RSENSE
Tr
VIN
CIN
SENSE
VREF
=1.0 V
PWM, PWM/PFM
switching control
circuit
Shutdown soft start
circuit
125mV
Error amplifier
PWM comparator
Triangular wave
oscillation circuit
Phase
compensation
circuit
Power for IC
VIN
EXT
COUT
VSS
VOUT
CVREF
VON/OFF
ON/OFF
One point ground
Voltage/current
reference
Figure 13
2. Feed back type (Pch MOS FET)
L
SD
RSENSE
Tr
VIN
CIN
SENSE
+
−
VREF=1.0 V
125mV
VIN
EXT
+
−
+
−
COUT
VSS
VOUT
CFB
RB
RA
FB
PWM, PWM/PFM
switching control
circuit
Shutdown
soft start
circuit
Error amplifier
PWM comparator
Triangular wave
oscillation circuit
Phase
compensation
circuit
Power for IC
Voltage/current
reference
CVREF
VON/OFF
ON/OFF
One point ground
Figure 14
Caution The above connection diagram and constant will not guarantees successful operation.
Perform through evaluation using the actual application to set the constant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com