Electronic Components Datasheet Search
  English  ▼

X  

S8540 Datasheet(PDF) 12 Page - Seiko Instruments Inc

Part # S8540
Description  STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8540 Datasheet(HTML) 12 Page - Seiko Instruments Inc

Back Button S8540 Datasheet HTML 8Page - Seiko Instruments Inc S8540 Datasheet HTML 9Page - Seiko Instruments Inc S8540 Datasheet HTML 10Page - Seiko Instruments Inc S8540 Datasheet HTML 11Page - Seiko Instruments Inc S8540 Datasheet HTML 12Page - Seiko Instruments Inc S8540 Datasheet HTML 13Page - Seiko Instruments Inc S8540 Datasheet HTML 14Page - Seiko Instruments Inc S8540 Datasheet HTML 15Page - Seiko Instruments Inc S8540 Datasheet HTML 16Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8540/8541 Series
Rev.4.0_01
12
3. ON/ OFF pin (shutdown pin)
This pin deactivates or activates the step-down operation.
When the
OFF
/
ON
pin is set to "L", the VIN voltage appears through the EXT pin, prodding the
switching transistor to go off. All the internal circuits stop working, and substantial savings in current
consumption are thus achieved.
The
OFF
/
ON
pin is configured as shown in Figure 10. Since pull-up or pull-down is not performed
internally, please avoid operating the pin in a floating state. Also, try to refrain from applying a voltage of
0.3 to 1.8 V to the pin, lest the current consumption increase. When this
OFF
/
ON
pin is not used,
leave it coupled to the VIN pin.
Table 7
OFF
/
ON
Pin
CR Oscillation Circuit
Output Voltage
“H”
Activated
Set value
“L”
Deactivated
OPEN
ON/OFF
VIN
VSS
Figure 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com