Electronic Components Datasheet Search
  English  ▼

X  

S8540 Datasheet(PDF) 23 Page - Seiko Instruments Inc

Part # S8540
Description  STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8540 Datasheet(HTML) 23 Page - Seiko Instruments Inc

Back Button S8540 Datasheet HTML 19Page - Seiko Instruments Inc S8540 Datasheet HTML 20Page - Seiko Instruments Inc S8540 Datasheet HTML 21Page - Seiko Instruments Inc S8540 Datasheet HTML 22Page - Seiko Instruments Inc S8540 Datasheet HTML 23Page - Seiko Instruments Inc S8540 Datasheet HTML 24Page - Seiko Instruments Inc S8540 Datasheet HTML 25Page - Seiko Instruments Inc S8540 Datasheet HTML 26Page - Seiko Instruments Inc S8540 Datasheet HTML 27Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.4.0_01
S-8540/8541 Series
23
(9) tSS
− VIN
8
9
10
11
12
13
14
15
16
2.5
4.0
5.5
7.0
8.5
10.0
VIN (V)
25°C
85°C
Ta
=−40°C
(10) VOUT
− VIN 1.8 V PWM/PFM 600 kHz
(11) VOUT
− VIN 3.3 V PWM/PFM 600 kHz
1.75
1.77
1.79
1.81
1.83
1.85
2.5
4
5.5
7
8.5
10
VIN (V)
100 mA
400 mA
IOUT=0.1 mA
3.20
3.25
3.30
3.35
3.40
2.5
4.0
5.5
7.0
8.5
10.0
VIN (V)
IOUT=0.1 mA
100 mA
400 mA
(12) VOUT
− VIN 3.3 V PWM 600 kHz
(13) VOUT
− VIN 3.3 V PWM/PFM 300 kHz
3.20
3.25
3.30
3.35
3.40
2.5
4.0
5.5
7.0
8.5
10.0
VIN (V)
IOUT=0.1 mA
100 mA
400 mA
3.20
3.25
3.30
3.35
3.40
2.5
4.0
5.5
7.0
8.5
10.0
VIN (V)
IOUT
=0.1 mA
100 mA
400 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com