Electronic Components Datasheet Search
  English  ▼

X  

S8540 Datasheet(PDF) 14 Page - Seiko Instruments Inc

Part # S8540
Description  STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8540 Datasheet(HTML) 14 Page - Seiko Instruments Inc

Back Button S8540 Datasheet HTML 10Page - Seiko Instruments Inc S8540 Datasheet HTML 11Page - Seiko Instruments Inc S8540 Datasheet HTML 12Page - Seiko Instruments Inc S8540 Datasheet HTML 13Page - Seiko Instruments Inc S8540 Datasheet HTML 14Page - Seiko Instruments Inc S8540 Datasheet HTML 15Page - Seiko Instruments Inc S8540 Datasheet HTML 16Page - Seiko Instruments Inc S8540 Datasheet HTML 17Page - Seiko Instruments Inc S8540 Datasheet HTML 18Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8540/8541 Series
Rev.4.0_01
14
Selection of Series Products and Associated External Components
1. Selecting a product
The S-8540/8541 series is classified into eight types according to the way of control (PWM and
PWM/PFM switching), the oscillation frequencies, and output voltage settings (fixed and feed back).
Please select the type that suits your needs best by taking the advantage described below into account.
1. 1 Control method:
Two different control methods are available: PWM control (S-8540 series) and PWM/PFM switching
control (S-8541 series).
1. 2 Oscillation frequencies:
The oscillation frequencies are selectable in 600 kHz (A and B types) or 300 kHz (C and D types).
Because of their high oscillation frequency, the products in the A and B types allow the use of small
size inductors since the peak current decreases when the same load current flows. In addition, they
can also be used with small output capacitors. These outstanding features make the A and B types
ideal for downsized devices.
On the other hand, the C and D types, having lower oscillation frequency, are characterized by small
self-consumption current and excellent efficiency under light load.
1. 3 Output voltage setting:
Two different types are available: fixed output (A and C types) and feed back type (B and D types).
Table 8
provides a rough guide for selecting a product depending on the requirements of the
application. Choose the product that has the best score (
).
Table 8
S-8540
S-8541
A
B
C
D
A
B
C
D
The set output voltage is fixed (1.5 to 6.0 V)
Set an output voltage freely (1.5 to 6.0 V)
The efficiency at light load (less than 10 mA) is
important.
The efficiency at 100 mA or more is important.
Low-ripple voltage is important.
Use of small external parts is Important.
Remark
: Indispensable condition
: Superiority of requirement
: Particularly superiority of requirement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com