Electronic Components Datasheet Search
  English  ▼

X  

S8540 Datasheet(PDF) 30 Page - Seiko Instruments Inc

Part # S8540
Description  STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8540 Datasheet(HTML) 30 Page - Seiko Instruments Inc

Back Button S8540 Datasheet HTML 26Page - Seiko Instruments Inc S8540 Datasheet HTML 27Page - Seiko Instruments Inc S8540 Datasheet HTML 28Page - Seiko Instruments Inc S8540 Datasheet HTML 29Page - Seiko Instruments Inc S8540 Datasheet HTML 30Page - Seiko Instruments Inc S8540 Datasheet HTML 31Page - Seiko Instruments Inc S8540 Datasheet HTML 32Page - Seiko Instruments Inc S8540 Datasheet HTML 33Page - Seiko Instruments Inc S8540 Datasheet HTML 34Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8540/8541 Series
Rev.4.0_01
30
1. Efficiency Characteristics : Efficiency (
η) − Output current (IOUT)
1. 1 S-8540A33FN
1. 2 S-8541A33FN
50
60
70
80
90
100
1
10
100
1000
IOUT (mA)
VIN
=4.0 V
(3.3 V, 600 kHz, PWM control)
5.0 V
7.2 V
50
60
70
80
90
100
5.0 V
7.2 V
(3.3 V, 600 kHz, PWM/PFM control)
1
10
100
1000
IOUT (mA)
VIN
=4.0 V
1. 3 S-8540A25FN
1. 4 S-8541A25FN
50
60
70
80
90
100
1
10
100
1000
(2.5 V, 600 kHz, PWM control)
3.6 V
5.0 V
IOUT (mA)
VIN
=3.0 V
50
60
70
80
90
100
1
10
100
1000
3.6 V
5.0 V
(2.5 V, 600 kHz, PWM/PFMcontrol)
IOUT (mA)
VIN
=3.0 V
1. 5 S-8540A18FN
1. 6 S-8541A18FN
50
60
70
80
90
100
1
10
100
1000
(1.8 V, 600 kHz, PWM control)
3.6 V
5.0 V
IOUT (mA)
VIN
=2.5 V
50
60
70
80
90
100
1
10
100
1000
3.6 V 5.0 V
(1.8 V, 600 kHz, PWM/PFM control)
IOUT (mA)
VIN
=2.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com