Electronic Components Datasheet Search
  English  ▼

X  

S8540 Datasheet(PDF) 29 Page - Seiko Instruments Inc

Part # S8540
Description  STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8540 Datasheet(HTML) 29 Page - Seiko Instruments Inc

Back Button S8540 Datasheet HTML 25Page - Seiko Instruments Inc S8540 Datasheet HTML 26Page - Seiko Instruments Inc S8540 Datasheet HTML 27Page - Seiko Instruments Inc S8540 Datasheet HTML 28Page - Seiko Instruments Inc S8540 Datasheet HTML 29Page - Seiko Instruments Inc S8540 Datasheet HTML 30Page - Seiko Instruments Inc S8540 Datasheet HTML 31Page - Seiko Instruments Inc S8540 Datasheet HTML 32Page - Seiko Instruments Inc S8540 Datasheet HTML 33Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.4.0_01
S-8540/8541 Series
29
Table 12 External parts function
Component
Product Name
Manufacturer
L-Value
DC
Resistance
Maximum
Current
Size (L
× W × H)
[mm]
Inductor
LDR655312T-4R7
TDK
Corporation
4.7
μH
0.19
Ω
0.9 A
6.5
× 5. 3 × 1.25
CDRH6D28-220
Sumida
Corporation
22.0
μH
0.128
Ω
1.2 A
7.0
× 7.0 × 3.0
Diode
RB491D
Rohm
Corporation
Forward current 1.0 A at VF = 0.45 V,
Vrm = 25V
3.0
× 3.1 × 1.3
Output
Capacity
F920J476MB
Nichicon
Corporation
47
μF, 6.3 V
3.6
× 3.0 × 1.2
(tantalum
electrolytic)
F931A476MC
Nichicon
Corporation
47
μF, 10.0 V
6.2
× 3.4 × 2.7
Transistor
(MOS FET)
CPH6301
Sanyo Electric
Co., Ltd.
Vdss =20 V max., Vgss =10 V max.,
ID =3.0 A max., Ciss =360 pF, Ron =110 m
Ω
2.9
× 2.8 × 0.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com