Electronic Components Datasheet Search
  English  ▼

X  

S8540 Datasheet(PDF) 19 Page - Seiko Instruments Inc

Part # S8540
Description  STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8540 Datasheet(HTML) 19 Page - Seiko Instruments Inc

Back Button S8540 Datasheet HTML 15Page - Seiko Instruments Inc S8540 Datasheet HTML 16Page - Seiko Instruments Inc S8540 Datasheet HTML 17Page - Seiko Instruments Inc S8540 Datasheet HTML 18Page - Seiko Instruments Inc S8540 Datasheet HTML 19Page - Seiko Instruments Inc S8540 Datasheet HTML 20Page - Seiko Instruments Inc S8540 Datasheet HTML 21Page - Seiko Instruments Inc S8540 Datasheet HTML 22Page - Seiko Instruments Inc S8540 Datasheet HTML 23Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
Rev.4.0_01
S-8540/8541 Series
19
Precautions
Install the external capacitors, diode, coil, and other peripheral components as close to the IC as possible,
and make a one-point grounding.
When the input voltage is 9 to 10 V, VOUT may vary largely according to the grounding method.
When it is difficult to make one-point grounding, use two grounds: one for VIN, CIN, and SD GND, and the
other for VOUT, VCVREF, and IC GND.
Characteristics ripple voltage and spike noise occur in IC containing switching regulators. Moreover rush
current flows at the time of a power supply injection. Because these largely depend on the inductor, the
capacitor and impedance of power supply used, fully check them using an actually mounted model.
If the input voltage is high and output current is low, pulses with a low duty ratio may appear, and then the
0% duty ratio continues for several clocks. In this case the operation changes to the pseudo pulse
frequency modulation (PFM) mode, but the ripple voltage hardly increases.
If the input power supply voltage is lower than 1.0 V, the IC operation is unstable and the external switch
may be turned on.
If input power supply voltage is 10.0 V or higher, the circuit operation is unstable and the IC may be
damaged.
The input voltage must be in the standard range (2.5 to 10.0 V).
The current limit circuit of the IC limits current by detecting a voltage difference of external resistor RSENSE.
In choosing the components, make sure that overcurrent will not surpass the allowable dissipation of the
switching transistor and the inductor.
Make sure that dissipation of the switching transistor will not surpass the allowable power dissipation of the
package (especially at high temperature).
Do not apply an electrostatic discharge to this IC that exceeds the performance ratings of the built-in
electrostatic protection circuit.
SII Semiconductor Corporation shall bear no responsibility for any patent infringement by a product that
includes an IC manufactured by SII Semiconductor Corporation in relation to the method of using the IC in
that product, the product specifications, or the destination country.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com