Electronic Components Datasheet Search
  English  ▼

X  

S8540 Datasheet(PDF) 28 Page - Seiko Instruments Inc

Part # S8540
Description  STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8540 Datasheet(HTML) 28 Page - Seiko Instruments Inc

Back Button S8540 Datasheet HTML 24Page - Seiko Instruments Inc S8540 Datasheet HTML 25Page - Seiko Instruments Inc S8540 Datasheet HTML 26Page - Seiko Instruments Inc S8540 Datasheet HTML 27Page - Seiko Instruments Inc S8540 Datasheet HTML 28Page - Seiko Instruments Inc S8540 Datasheet HTML 29Page - Seiko Instruments Inc S8540 Datasheet HTML 30Page - Seiko Instruments Inc S8540 Datasheet HTML 31Page - Seiko Instruments Inc S8540 Datasheet HTML 32Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8540/8541 Series
Rev.4.0_01
28
Reference Data
This reference data is intended to help you select peripheral components to be externally connected to the
IC. Therefore, this information provides recommendations on external components selected with a view to
accommodating a wide variety of IC applications. Characteristic data is duly indicated in the table below.
Table 9. External components list for efficiency
(Small and thin application using 1.3 mm or less tall components, maximum load current : IOUT = 0.9 A)
No. Product Name
Output
Voltage
Modulation
fOSC
Inductor
Transistor
Diode Output Capacitor
1.1 S-8540A33FN
3.3 V
PWM
600kHz LDR655312T-4R7 CPH6301 RB491D F920J476MB
× 2
1.2 S-8541A33FN
PWM/PFM
1.3 S-8540A25FN
2.5 V
PWM
1.4 S-8541A25FN
PWM/PFM
1.5 S-8540A18FN
1.8 V
PWM
1.6 S-8541A18FN
PWM/PFM
Table 10 External components list for efficiency
(High efficiency application using 3.0mm or less tall components, maximum load current : IOUT = 1.0 A)
No. Product Name
Output
Voltage
Modulation
fOSC
Inductor
Transistor
Diode Output Capacitor
1.7 S-8540C33FN
3.3 V
PWM
300kHz CDRH6D28-220
CPH6301 RB491D F931A476MC
× 1
1.8 S-8541C33FN
PWM/PFM
1.9 S-8540C25FN
2.5 V
PWM
1.10
S-8541C25FN
PWM/PFM
1.11
S-8540C18FN
1.8 V
PWM
1.12
S-8541C18FN
PWM/PFM
Table 11 External components list for ripple voltage
No.
Product
Name
Output
Voltage
Modulation
fOSC
Inductor
Transistor
Diode
Output
Capacitor
2.1
S-8540A33FN
3.3 V
PWM
600kHz LDR655312T-4R7 CPH6301 RB491D F920J476MB
× 2
2.2
S-8541A33FN
PWM/PFM
2.3
S-8540A18FN
1.8 V
PWM
2.4
S-8541A18FN
PWM/PFM
2.5
S-8540C33FN
3.3 V
PWM
300kHz CDRH6D28-220 CPH6301 RB491D F931A476MC
× 1
2.6
S-8541C33FN
PWM/PFM
2.7
S-8540C18FN
1.8 V
PWM
2.8
S-8541C18FN
PWM/PFM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com