Electronic Components Datasheet Search
  English  ▼

X  

S8540 Datasheet(PDF) 22 Page - Seiko Instruments Inc

Part # S8540
Description  STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S8540 Datasheet(HTML) 22 Page - Seiko Instruments Inc

Back Button S8540 Datasheet HTML 18Page - Seiko Instruments Inc S8540 Datasheet HTML 19Page - Seiko Instruments Inc S8540 Datasheet HTML 20Page - Seiko Instruments Inc S8540 Datasheet HTML 21Page - Seiko Instruments Inc S8540 Datasheet HTML 22Page - Seiko Instruments Inc S8540 Datasheet HTML 23Page - Seiko Instruments Inc S8540 Datasheet HTML 24Page - Seiko Instruments Inc S8540 Datasheet HTML 25Page - Seiko Instruments Inc S8540 Datasheet HTML 26Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
STEP-DOWN, 600 kHz PWM CONTROL or PWM/PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
S-8540/8541 Series
Rev.4.0_01
22
Typical Characteristics
1. Examples of major parameters characteristics
(1) ISS1
− VIN S-8540/8541(300 kHz)
(2) ISS1
− VIN S-8540/8541(600 kHz)
0
50
100
150
200
250
2.5
4.0
5.5
7.0
8.5
10.0
VIN (V)
25°C
85°C
Ta
=−40°C
0
50
100
150
200
250
2.5
4.0
5.5
7.0
8.5
10.0
VIN (V)
25°C
85°C
Ta
=−40°C
(3) fOSC
− VIN S-8540/8541(300 kHz)
(4) fOSC
− VIN S-8540/8541(600 kHz)
480
520
560
600
640
680
720
2.5
4.0
5.5
7.0
8.5
10.0
VIN (V)
25°C
85°C
Ta
=−40°C
240
260
280
300
320
340
360
2.5
4.0
5.5
7.0
8.5
10.0
VIN (V)
25°C
85°C
Ta
=−40°C
(5) IEXTH
− VIN S-8540/8541
(6) IEXTL
− VIN S-8540/8541
0
20
40
60
80
100
2.5
4.0
5.5
7.0
8.5
10.0
VIN (V)
25°C
85°C
Ta
=−40°C
0
20
40
60
80
100
2.5
4.0
5.5
7.0
8.5
10.0
VIN(V)
25°C
85°C
Ta
=−40°C
(7) VSH
− VIN S-8540/8541
(8) VSL
− VIN S-8540/8541
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.5
4.0
5.5
7.0
8.5
10.0
VIN (V)
25°C
85°C
Ta
=−40°C
0.3
0.4
0.5
0.6
0.7
0.8
0.9
2.5
4.0
5.5
7.0
8.5
10.0
VIN (V)
25°C
85°C
Ta
=−40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com